Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3300ART-3.2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3300ART-3.2
Description  High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300ART-3.2 Datasheet(HTML) 1 Page - Analog Devices

  ADP3300ART-3.2 Datasheet HTML 1Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 2Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 3Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 4Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 5Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 6Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 7Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3300
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
High Accuracy anyCAP®
50 mA Low Dropout Linear Regulator
FUNCTIONAL BLOCK DIAGRAM
Q2
THERMAL
PROTECTION
Q1
CC
BANDGAP
REF
DRIVER
R1
R2
ADP3300
OUT
IN
ERR
SD
GND
+
–
gm
FEATURES
High Accuracy Over Line and Load:
0.8% @ 25 C,
1.4% Over Temperature
Ultralow Dropout Voltage: 80 mV Typical @ 50 mA
Requires Only CO = 0.47
F for Stability
anyCAP = Stable with All Types of Capacitors
(Including MLCC)
Current and Thermal Limiting
Low Noise
Dropout Detector
Low Shutdown Current: 1
A
3.0 V to 12 V Supply Range
–40 C to +85 C Ambient Temperature Range
Several Fixed Voltage Options
Ultrasmall SOT-23 6-Lead Package
Excellent Line and Load Regulation
APPLICATIONS
Cellular Telephones
Notebook, Palmtop Computers
Battery Powered Systems
PCMCIA Regulators
Bar Code Scanners
Camcorders, Cameras
GENERAL DESCRIPTION
The ADP3300 is a member of the ADP330x family of precision
low dropout anyCAP voltage regulators. The ADP3300 stands
out from conventional LDOs with a novel architecture and an
enhanced process. Its patented design requires only a 0.47
µF
output capacitor for stability. This device is stable with any
capacitor, regardless of its ESR (Equivalent Series Resistance)
value, including ceramic types (MLCC) for space restricted appli-
cations. The ADP3300 achieves exceptional accuracy of
±0.8%
at room temperature and
±1.4% overall accuracy over tempera-
ture, line and load variations. The dropout voltage of the
ADP3300 is only 80 mV (typical) at 50 mA.
The ADP3300 operates with a wide input voltage range from
3.0 V to 12 V and delivers a load current in excess of 50 mA.
It features an error flag that signals when the device is about to
lose regulation or when the short circuit or thermal overload
anyCAP is a registered trademark of Analog Devices Inc.
protection is activated. Other features include shutdown and
optional noise reduction capabilities. The ADP330x anyCAP LDO
family offers a wide range of output voltages and output current
levels from 50 mA to 200 mA:
ADP3301 (100 mA)
ADP3302 (100 mA, Dual Output)
ADP3303 (200 mA)
ADP3300-5
NR
OUT
IN
ERR
R1
330k
EOUT
C2
0.47 F
VOUT = +5V
ON
OFF
SD
GND
C1
0.47 F
VIN
+
+
Figure 1. Typical Application Circuit


Similar Part No. - ADP3300ART-3.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300ART-3.2 AD-ADP3300ART-3.2 Datasheet
133Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-3.2 AD-ADP3300ART-3.2 Datasheet
123Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3300ART-3.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV.A
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
ADP3300ARTZ-3.3RL7 AD-ADP3300ARTZ-3.3RL7 Datasheet
133Kb / 8P
High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ARTZ-5REEL7 AD-ADP3300ARTZ-5REEL7 Datasheet
133Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3300ART-3-REEL7 AD-ADP3300ART-3-REEL7 Datasheet
123Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com