Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2303ARDZ-2.5-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2303ARDZ-2.5-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2303ARDZ-2.5-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2303ARDZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP2302/ADP2303
Data Sheet
Rev. A | Page 4 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
MAX Rating
VIN, EN, PGOOD
−0.3 V to +24 V
SW
−1.0 V to +24 V
BST to SW
−0.6 V to +6 V
FB, NC
−0.3 V to +6 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all voltages are
referenced to GND.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance1
Package Type
θJA
Unit
8-Lead SOIC_N_EP
58.5
°C/W
1
JA
is measured using natural convection on JEDEC 4-layer board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com