Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2303ARDZ-2.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2303ARDZ-2.5-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2303ARDZ-2.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2303ARDZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP2303ARDZ-2.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADP2302/ADP2303
Rev. A | Page 7 of 28
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
5
8
11
14
17
20
VIN (V)
Figure 10. ADP2302 Line Regulation, VOUT = 3.3 V, IOUT = 2 A
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
5
8
11
14
17
20
VIN (V)
Figure 11. ADP2303 Line Regulation, VOUT = 3.3 V , IOUT = 3 A
0
5
10
15
20
25
30
35
40
45
50
2468
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 12. Shutdown Current vs. VIN
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
Figure 13. ADP2302 Load Regulation, VOUT = 3.3V, VIN = 12 V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Figure 14. ADP2303 Load Regulation, VOUT = 3.3 V, VIN = 12 V
500
550
600
650
700
750
800
850
900
2
4
6
8
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 15. Quiescent Current vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com