Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR421ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADR421ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR421ARMZ Datasheet HTML 7Page - Analog Devices ADR421ARMZ Datasheet HTML 8Page - Analog Devices ADR421ARMZ Datasheet HTML 9Page - Analog Devices ADR421ARMZ Datasheet HTML 10Page - Analog Devices ADR421ARMZ Datasheet HTML 11Page - Analog Devices ADR421ARMZ Datasheet HTML 12Page - Analog Devices ADR421ARMZ Datasheet HTML 13Page - Analog Devices ADR421ARMZ Datasheet HTML 14Page - Analog Devices ADR421ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 11 of 24
–40
–10
20
50
80
110 125
TEMPERATURE (°C)
6
4
5
3
2
1
0
VIN = 4.5V TO 15V
Figure 15. ADR420 Line Regulation vs. Temperature
–40
–10
20
50
80
110
125
TEMPERATURE (°C)
6
4
5
3
2
1
0
VIN = 5V TO 15V
Figure 16. ADR421 Line Regulation vs. Temperature
–40
–10
20
50
80
110
TEMPERATURE (°C)
9
6
8
4
5
7
3
2
1
0
VIN = 5V TO 15V
Figure 17. ADR423 Line Regulation vs. Temperature
–40
–10
20
50
80
110
125
TEMPERATURE (°C)
14
10
12
8
6
4
2
0
VIN = 7.5V TO 15V
Figure 18. ADR425 Line Regulation vs. Temperature
01234
LOAD CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–40°C
+85°C
+25°C
5
5
Figure 19. ADR420 Minimum Input/Output Voltage
Differential vs. Load Current
01234
LOAD CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–40°C
+125°C
+25°C
Figure 20. ADR421 Minimum Input/Output Voltage
Differential vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com