Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR421ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADR421ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR421ARMZ Datasheet HTML 10Page - Analog Devices ADR421ARMZ Datasheet HTML 11Page - Analog Devices ADR421ARMZ Datasheet HTML 12Page - Analog Devices ADR421ARMZ Datasheet HTML 13Page - Analog Devices ADR421ARMZ Datasheet HTML 14Page - Analog Devices ADR421ARMZ Datasheet HTML 15Page - Analog Devices ADR421ARMZ Datasheet HTML 16Page - Analog Devices ADR421ARMZ Datasheet HTML 17Page - Analog Devices ADR421ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 14 of 24
TIME (4µs/DIV)
2V/DIV
2V/DIV
CL = 0.01µF
NO INPUT CAP
VIN
VOUT
Figure 33. ADR421 Turn-Off Response
TIME (4µs/DIV)
2V/DIV
2V/DIV
CL = 0.01µF
NO INPUT CAP
VIN
VOUT
Figure 34. ADR421 Turn-On Response
TIME (100µs/DIV)
2V/DIV
5V/DIV
VIN
VOUT
CBYPASS = 0.1µF
RL = 500Ω
CL = 0
Figure 35. ADR421 Turn-On/Turn-Off Response
ADR425
ADR420
ADR421
ADR423
10
100
1k
10k
100k
FREQUENCY (Hz)
50
45
40
35
30
25
20
15
10
5
0
Figure 36. Output Impedance vs. Frequency
10
100
10k
1k
100k
1M
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 37. Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com