Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR423ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADR423ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR423ARMZ Datasheet HTML 14Page - Analog Devices ADR423ARMZ Datasheet HTML 15Page - Analog Devices ADR423ARMZ Datasheet HTML 16Page - Analog Devices ADR423ARMZ Datasheet HTML 17Page - Analog Devices ADR423ARMZ Datasheet HTML 18Page - Analog Devices ADR423ARMZ Datasheet HTML 19Page - Analog Devices ADR423ARMZ Datasheet HTML 20Page - Analog Devices ADR423ARMZ Datasheet HTML 21Page - Analog Devices ADR423ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 18 of 24
KELVIN CONNECTIONS
In many portable instrumentation applications where PC board
cost and area are important considerations, circuit intercon-
nects are often narrow. These narrow lines can cause large
voltage drops if the voltage reference is required to provide load
currents to various functions. In fact, a circuit’s interconnects
can exhibit a typical line resistance of 0.45 mΩ/square (1 oz. Cu,
for example). Force and sense connections, also referred to as
Kelvin connections, offer a convenient method of eliminating
the effects of voltage drops in circuit wires. Load currents flow-
ing through wiring resistance produce an error (VERROR = R × IL)
at the load. However, the Kelvin connection in Figure 43
overcomes the problem by including the wiring resistance
within the forcing loop of the op amp. Because the op amp
senses the load voltage, op amp loop control forces the output to
compensate for the wiring error and to produce the correct
voltage at the load.
A1
VIN
VIN
RLW
A1 = OP191
RLW
RL
VOUT
SENSE
VOUT
FORCE
GND
VOUT
ADR420/
ADR421/
ADR423/
ADR425
2
4
6
Figure 43. Advantage of Kelvin Connection
DUAL-POLARITY REFERENCES
Dual-polarity references can easily be made with an op amp and
a pair of resistors. In order not to defeat the accuracy obtained
by the ADR42x, it is imperative to match the resistance toler-
ance and the temperature coefficient of all components.
VIN
1µF
0.1µF
R1
10kΩ
R3
5kΩ
R2
10kΩ
+5V
–5V
+10V
–10V
6
2
4
5
V+
V–
U1
ADR425
VOUT
VIN
TRIM
GND
Figure 44. +5 V and −5 V Reference Using ADR425
U2
OP1177
R1
5.6kΩ
R2
5.6kΩ
+2.5V
+10V
–10V
–2.5V
U1
ADR425
6
2
4
5
V+
V–
VOUT
VIN
TRIM
GND
U2
OP1177
Figure 45. +2.5 V and −2.5 V Reference Using ADR425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com