Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR423ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADR423ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR423ARMZ Datasheet HTML 15Page - Analog Devices ADR423ARMZ Datasheet HTML 16Page - Analog Devices ADR423ARMZ Datasheet HTML 17Page - Analog Devices ADR423ARMZ Datasheet HTML 18Page - Analog Devices ADR423ARMZ Datasheet HTML 19Page - Analog Devices ADR423ARMZ Datasheet HTML 20Page - Analog Devices ADR423ARMZ Datasheet HTML 21Page - Analog Devices ADR423ARMZ Datasheet HTML 22Page - Analog Devices ADR423ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 19 of 24
PROGRAMMABLE CURRENT SOURCE
Together with a digital potentiometer and a Howland current
pump, the ADR425 forms the reference source for a program-
mable current as
W
B
B
A
L
V
R2
R1
R2
R2
I
×
⎟
⎠
⎞
⎜
⎝
⎛
+
=
(3)
and
REF
N
V
D
VW
×
=
2
(4)
where:
D is the decimal equivalent of the input code.
N is the number of bits.
U1
ADR425
VOUT
VIN
VDD
VDD
VSS
TRIM
GND
A
W
B
U2
AD5232
U2
DIGITAL POT
IL
V+
V–
2
5
6
4
A1
OP2177
VDD
VSS
V+
V–
A2
OP2177
LOAD
VL
R1
50kΩ
R2A
1kΩ
R2B
10Ω
C2
10pF
R2'
1kΩ
R1'
50kΩ
C1
10pF
Figure 46. Programmable Current Source
R1' and R2' must be equal to R1 and R2A + R2B, respectively.
Theoretically, R2B can be made as small as needed to achieve
the current needed within A2 output current driving capability.
In the example shown in Figure 46, OP2177 is able to deliver
a maximum of 10 mA. Because the current pump uses both
positive and negative feedback, capacitors C1 and C2 are needed
to ensure that negative feedback prevails and, therefore, avoiding
oscillation. This circuit also allows bidirectional current flow if
the inputs VA and VB of the digital potentiometer are supplied
with the dual-polarity references as previously shown.
PROGRAMMABLE DAC REFERENCE VOLTAGE
With a multichannel DAC, such as the quad, 12-bit voltage
output AD7398, one of its internal DACs, and an ADR42x
voltage reference can be used as a common programmable
VREFx for the rest of the DACs. The circuit configuration is
shown in Figure 47. The relationship of VREFx to VREF depends
on the digital code and the ratio of R1 and R, and is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
+
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
D
R1
R2
V
x
V
N
REF
REF
2
1
1
(5)
where:
D is the decimal equivalent of input code.
N is the number of bits.
VREF is the applied external reference.
VREFx is the reference voltage for DACs A to D.
Table 9. VREFx vs. R1 and R2
R1, R2
Digital Code
VREF
R1 = R2
0000 0000 0000
2 VREF
R1 = R2
1000 0000 0000
1.3 VREF
R1 = R2
1111 1111 1111
VREF
R1 = 3R2
0000 0000 0000
4 VREF
R1 = 3R2
1000 0000 0000
1.6 VREF
R1 = 3R2
1111 1111 1111
VREF
VIN
DACA
DACB
DACC
DACD
AD7398
ADR425
VREF
VREFA
VOUTA
R1
±0.1%
R2
±0.1%
VOB = VREFx (DB)
VOC = VREFx (DC)
VOD = VREFx (DD)
VOUTB
VOUTC
VOUTD
VREFB
VREFC
VREFD
Figure 47. Programmable DAC Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com