Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR425ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADR425ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR425ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR425ARMZ Datasheet HTML 13Page - Analog Devices ADR425ARMZ Datasheet HTML 14Page - Analog Devices ADR425ARMZ Datasheet HTML 15Page - Analog Devices ADR425ARMZ Datasheet HTML 16Page - Analog Devices ADR425ARMZ Datasheet HTML 17Page - Analog Devices ADR425ARMZ Datasheet HTML 18Page - Analog Devices ADR425ARMZ Datasheet HTML 19Page - Analog Devices ADR425ARMZ Datasheet HTML 20Page - Analog Devices ADR425ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 17 of 24
APPLICATIONS
OUTPUT ADJUSTMENT
The ADR42x trim terminal can be used to adjust the output
voltage over a ±0.5% range. This feature allows the system
designer to trim system errors out by setting the reference to
a voltage other than the nominal. This is also helpful if the
part is used in a system at temperature to trim out any error.
Adjustment of the output has a negligible effect on the
temperature performance of the device. To avoid degrading
temperature coefficients, both the trimming potentiometer
and the two resistors need to be low temperature coefficient
types, preferably <100 ppm/°C.
ADR420/
ADR421/
ADR423/
ADR425
R2
VIN
INPUT
GND
TRIM
R1
470kΩ
RP
10kΩ
10kΩ (ADR420)
15kΩ (ADR421)
OUTPUT
VOUT = ±0.5%
VOUT
2
4
5
6
Figure 40. Output Trim Adjustment
REFERENCE FOR CONVERTERS IN OPTICAL
NETWORK CONTROL CIRCUITS
In the high capacity, all optical router network of Figure 41,
arrays of micromirrors direct and route optical signals from
fiber to fiber, without first converting them to electrical form,
which reduces the communication speed. The tiny micro-
mechanical mirrors are positioned so that each is illuminated
by a single wavelength that carries unique information and
can be passed to any desired input and output fiber. The mirrors
are tilted by the dual-axis actuators controlled by precision
analog-to-digital converters (ADCs) and digital-to-analog
converters (DACs) within the system. Due to the microscopic
movement of the mirrors, not only is the precision of the
converters important, but the noise associated with these
controlling converters is extremely critical, because total noise
within the system can be multiplied by the numbers of
converters used. Consequently, the exceptional low noise of the
ADR42x is necessary to maintain the stability of the control
loop for this application.
DAC
DAC
ADC
DSP
CONTROL
ELECTRONICS
ACTIVATOR
LEFT
LASER BEAM
SOURCE FIBER
GIMBAL + SENSOR
DESTINATION
FIBER
ACTIVATOR
RIGHT
MEMS MIRROR
AMPL
PREAMP
AMPL
ADR421
ADR421
ADR421
Figure 41. All Optical Router Network
HIGH VOLTAGE FLOATING CURRENT SOURCE
The circuit in Figure 42 can be used to generate a floating
current source with minimal self-heating. This particular
configuration can operate on high supply voltages determined
by the breakdown voltage of the N-channel JFET.
+VS
–VS
SST111
VISHAY
VIN
GND
VOUT
ADR420/
ADR421/
ADR423/
ADR425
2N3904
RL
2.10kΩ
OP09
2
4
6
Figure 42. High Voltage Floating Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com