Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR425ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADR425ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR425ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADR425ARMZ Datasheet HTML 16Page - Analog Devices ADR425ARMZ Datasheet HTML 17Page - Analog Devices ADR425ARMZ Datasheet HTML 18Page - Analog Devices ADR425ARMZ Datasheet HTML 19Page - Analog Devices ADR425ARMZ Datasheet HTML 20Page - Analog Devices ADR425ARMZ Datasheet HTML 21Page - Analog Devices ADR425ARMZ Datasheet HTML 22Page - Analog Devices ADR425ARMZ Datasheet HTML 23Page - Analog Devices ADR425ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 22 of 24
ORDERING GUIDE
Initial
Accuracy
Model1
Output
Voltage,
VOUT (V)
mV
%
Temperature
Coefficient
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Branding
ADR420ARZ
2.048
3
0.15
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR420ARZ-REEL7
2.048
3
0.15
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR420ARMZ
2.048
3
0.15
10
−40°C to +125°C
8-Lead MSOP
RM-8
L0C
ADR420ARMZ-REEL7
2.048
3
0.15
10
−40°C to +125°C
8-Lead MSOP
RM-8
L0C
ADR420BRZ
2.048
1
0.05
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR420BRZ-REEL7
2.048
1
0.05
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421AR
2.50
3
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421ARZ
2.50
3
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421ARZ-REEL7
2.50
3
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421ARMZ
2.50
3
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
R06
ADR421ARMZ-REEL7
2.50
3
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
R06
ADR421BR
2.50
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421BR-REEL7
2.50
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421BRZ
2.50
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR421BRZ-REEL7
2.50
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR423ARZ
3.00
4
0.13
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR423ARZ-REEL7
3.00
4
0.13
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR423ARMZ
3.00
4
0.13
10
−40°C to +125°C
8-Lead MSOP
RM-8
R0U
ADR423ARMZ-REEL7
3.00
4
0.13
10
−40°C to +125°C
8-Lead MSOP
RM-8
R0U
ADR423BRZ
3.00
1.5
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR423BRZ-REEL7
3.00
1.5
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR425ARZ
5.00
6
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR425ARZ-REEL7
5.00
6
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR425ARMZ
5.00
6
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
R7A#
ADR425ARMZ-REEL7
5.00
6
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
R7A#
ADR425BR
5.00
2
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR425BR-REEL7
5.00
2
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR425BRZ
5.00
2
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
ADR425BRZ-REEL7
5.00
2
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part. # denotes RoHS-compliant product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com