Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01 Datasheet(PDF) 5 Page - Analog Devices

Part # REF01
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01 Datasheet(HTML) 5 Page - Analog Devices

  REF01_05 Datasheet HTML 1Page - Analog Devices REF01_05 Datasheet HTML 2Page - Analog Devices REF01_05 Datasheet HTML 3Page - Analog Devices REF01_05 Datasheet HTML 4Page - Analog Devices REF01_05 Datasheet HTML 5Page - Analog Devices REF01_05 Datasheet HTML 6Page - Analog Devices REF01_05 Datasheet HTML 7Page - Analog Devices REF01_05 Datasheet HTML 8Page - Analog Devices REF01_05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REF01
Rev. H | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating1
Input Voltage
40 V
Output Short-Circuit Duration
(to Ground or VIN)
Indefinite
Storage Temperature Range
J, S, and Z Packages
−65°C to +150°C
P Package
−65°C to +125°C
Operating Temperature Range
REF01A
−55°C to +125°C
REF01CJ
0°C to 70°C
REF01CP, REF01CS, REF01E, REF01H
−40°C to +85°C
Junction Temperature (TJ)
−65°C to +150°C
Lead Temperature (Soldering @ 60 sec)
300°C
1 Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6.
Package Type
θJA1
θJC
Unit
TO-99 (J)
170
24
°C/W
8-Lead CERDIP (Z)
162
26
°C/W
8-Lead PDIP (P)
110
50
°C/W
8-Pin SOIC (S)
160
44
°C/W
1 θJA is specified for worst-case mounting conditions; that is, θJA is specified for
device in socket for TO, CERDIP, and PDIP packages. θJA is specified for device
soldered to printed circuit board for SOIC package.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com