Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01 Datasheet(PDF) 1 Page - Analog Devices

Part # REF01
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01 Datasheet(HTML) 1 Page - Analog Devices

  REF01_05 Datasheet HTML 1Page - Analog Devices REF01_05 Datasheet HTML 2Page - Analog Devices REF01_05 Datasheet HTML 3Page - Analog Devices REF01_05 Datasheet HTML 4Page - Analog Devices REF01_05 Datasheet HTML 5Page - Analog Devices REF01_05 Datasheet HTML 6Page - Analog Devices REF01_05 Datasheet HTML 7Page - Analog Devices REF01_05 Datasheet HTML 8Page - Analog Devices REF01_05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10 V Precision
Voltage Reference
REF01
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
10 V output, ±0.3% maximum
Adjustment range, ±3% minimum
Excellent temperature stability, 8.5 ppm/°C maximum
Low noise, 30 µV p-p maximum
Low supply current, 1.4 mA maximum
Wide input voltage range, 12 V to 40 V
High load driving capability, 10 mA
No external components
Short-circuit proof
GENERAL DESCRIPTION
The REF01 precision voltage reference provides a stable 10 V
output that can be adjusted over a 3% range with minimal effect
on temperature stability. Single-supply operation over an input
voltage range of 12 V to 40 V, a low current drain of 1 mA, and
excellent temperature stability are achieved with an improved
band gap design. Low cost, low noise, and low power make the
REF01 an excellent choice whenever a stable voltage reference is
required. Applications include DACs and ADCs, portable
instrumentation, and digital voltmeters. Full military
temperature range devices with screening to MIL-STD-883 are
available. For new designs, refer to ADR01.
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
NC
GROUND
(CASE)
NC
VIN
VOUT
NC
NC
TRIM
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 1. TO-99 (J Suffix)
REF01
TOP VIEW
(Not to Scale)
NC
1
VIN 2
NC
3
GND
4
NC
NC
VOUT
TRIM
8
7
6
5
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 2. 8-Lead PDIP (P-Suffix)
8-Lead CERDIP (Z-Suffix)
8-Lead SOIC (S-Suffix)
REF01 OPTION
R9
R11
R12
P AND S PACKAGES
18k
Ω 4.5kΩ 33.3kΩ
J AND Z PACKAGES,
50k
Ω 2kΩ
16.7k
Ω
AND 883C PRODUCT
OUTPUT RESISTORS
C1
R3
R6
R4
R5
R1
Q1
R2
R10
OUTPUT
GROUND
R12*
TRIM
Q19
R15
INPUT
Q15
Q18
Q16
Q13
Q21
Q17
R13
Q20
Q4
Q3
Q5
Q6
Q9
Q7
Q14
Q12
Q11
Q8
R8
R7
R14
Q10
Q2
R11*
R9*
4
5
6
≈1.23V
2
*SEE OUTPUT RESISTORS
Figure 3. Simplified Schematic


Similar Part No. - REF01_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
More results

Similar Description - REF01_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com