Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01EJ Datasheet(PDF) 10 Page - Analog Devices

Part # REF01EJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01EJ Datasheet(HTML) 10 Page - Analog Devices

Back Button REF01EJ Datasheet HTML 4Page - Analog Devices REF01EJ Datasheet HTML 5Page - Analog Devices REF01EJ Datasheet HTML 6Page - Analog Devices REF01EJ Datasheet HTML 7Page - Analog Devices REF01EJ Datasheet HTML 8Page - Analog Devices REF01EJ Datasheet HTML 9Page - Analog Devices REF01EJ Datasheet HTML 10Page - Analog Devices REF01EJ Datasheet HTML 11Page - Analog Devices REF01EJ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REF01
Rev. H | Page 10 of 12
PRECISION CURRENT SOURCE
A current source with 25 V output compliance and excellent
output impedance can be obtained using this circuit. REF01
keeps the line voltage and power dissipation constant in the
device; the only important error consideration at room
temperature is the negative supply rejection of the op amp.
The typical 3 µV/V PSRR of the OP02E creates an 8 ppm
change (3 µV/V × 25 V/10 V) in output current over a 25 V
range. For example, a 10 mA current source can be built
(R = 1 kΩ) with 300 MΩ output impedance.
mA
10
10
8
V
25
6
×
×
=
−
O
R
GND
REF01
GND
REF01
OP02E
C
C
R
2
2
2
6
6
7
3
4
6
4
4
+50V
–5V
IO =
10V
R
RC = 10–5 SEC
R
(TRIM FOR
CALIBRATION)
VIN
VO
VIN
VO
VO = 0V
TO 25V
1
2
Figure 20. Precision Current Source
SUPPLY BYPASSING
For best results, it is recommended that the power supply pin be
bypassed with a 0.1 µF disc ceramic capacitor.
REFERENCE STACK WITH EXCELLENT LINE
REGULATION
Three REF01s can be stacked to yield 10 V, 20 V, and 30 V
outputs. An additional advantage is near-perfect line regulation
of the 10.0 V and 20.0 V output. A 32 V to 60 V input change
produces an output change that is less than the noise voltage of
the devices. A load bypass resistor (RB) provides a path for the
supply current (ISY) of the 20 V regulator.
In general, any number of REF01s can be stacked this way.
For example, 10 devices will yield outputs of 10 V, 20 V,
30 V . . . 100 V. The line voltage can change from 105 V to
130 V. However, care must be taken to ensure that the total
load currents do not exceed the maximum usable current
(typically 21 mA).
GND
REF01
GND
REF01
GND
REF01
TRIM
TRIM
10k
Ω
10k
Ω
RB
6.8k
Ω
10k
Ω
2
6
5
4
2
6
5
4
2
6
5
4
30V
20V
10V
TRIM
32V TO 60V
TRIMMED
OUTPUTS
VIN
VO
VIN
VO
VIN
VO
Figure 21. Reference Stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com