Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01EJ Datasheet(PDF) 12 Page - Analog Devices

Part # REF01EJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01EJ Datasheet(HTML) 12 Page - Analog Devices

Back Button REF01EJ Datasheet HTML 4Page - Analog Devices REF01EJ Datasheet HTML 5Page - Analog Devices REF01EJ Datasheet HTML 6Page - Analog Devices REF01EJ Datasheet HTML 7Page - Analog Devices REF01EJ Datasheet HTML 8Page - Analog Devices REF01EJ Datasheet HTML 9Page - Analog Devices REF01EJ Datasheet HTML 10Page - Analog Devices REF01EJ Datasheet HTML 11Page - Analog Devices REF01EJ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REF01
Rev. H | Page 12 of 12
ORDERING GUIDE
TA = 25° C
Model
∆VOS Max (mV)
Temperature Range (°C)
Package Description1
Package Option
REF01AJ/883C
±30
−55 to +125
8-Lead TO-99
J-Suffix (H-08)
REF01EJ
±30
−40 to +85
8-Lead TO-99
J-Suffix (H-08)
REF01CJ
±100
0 to 70
8-Lead TO-99
J-Suffix (H-08)
REF01EZ
±30
−40 to +85
8-Lead CERDIP
Z-Suffix (Q-8)
REF01HZ
±50
−40 to +85
8-Lead CERDIP
Z-Suffix (Q-8)
REF01AZ/883C
±30
−55 to +125
8-Lead CERDIP
Z-Suffix (Q-8)
REF01CP
±100
−40 to +85
8-Lead PDIP
P-Suffix (N-8)
REF01CPZ2
±100
−40 to +85
8-Lead PDIP
P-Suffix (N-8)
REF01HPZ2
±50
−40 to +85
8-Lead PDIP
P-Suffix (N-8)
REF01HP
±50
−40 to +85
8-Lead PDIP
P-Suffix (N-8)
REF01HS3
±50
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01HS-REEL3
±50
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01HSZ2, 3
±50
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01HSZ-REEL2, 3
±50
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01CS3
±100
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01CS-REEL3
±100
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01CS-REEL73
±100
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01CSZ-REEL2, 3
±100
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01CSZ-REEL72, 3
±100
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
REF01CSZ2, 3
±100
−40 to +85
8-Lead SOIC
S-Suffix (R-8)
1 Burn-in is available on commercial and industrial temperature range parts in CERDIP, PDIP, and TO-99 packages.
2 Z = Pb-free part.
3 For availability and burn-in information on SOIC packages, contact your local Sales office.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00373-0-12/05(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com