Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01EZ Datasheet(PDF) 6 Page - Analog Devices

Part # REF01EZ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01EZ Datasheet(HTML) 6 Page - Analog Devices

Back Button REF01EZ Datasheet HTML 2Page - Analog Devices REF01EZ Datasheet HTML 3Page - Analog Devices REF01EZ Datasheet HTML 4Page - Analog Devices REF01EZ Datasheet HTML 5Page - Analog Devices REF01EZ Datasheet HTML 6Page - Analog Devices REF01EZ Datasheet HTML 7Page - Analog Devices REF01EZ Datasheet HTML 8Page - Analog Devices REF01EZ Datasheet HTML 9Page - Analog Devices REF01EZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REF01
Rev. H | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
76
0
16
26
36
46
56
66
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 15V
TA = 25°C
0.0031
0.0100
0.0310
0.1000
0.3100
1.0000
3.1000
10.0000
Figure 4. Line Regulation vs. Frequency
10k
1k
100
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 15V
TA = 25°C
Figure 5. Output Wideband Noise vs. Bandwidth
(0.1 Hz to Frequency Indicated)
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
–10
0
10
20
30
40
50
TIME (s)
VIN = 15V
25
°C
DEVICE IMMERSED
IN 75
°C OIL BATH
Figure 6. Output Change due to Thermal Shock
20
15
16
17
18
19
14
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
TA = 25°C
Figure 7. Maximum Load Current vs. Input Voltage
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VIN = 15V
Figure 8. Normalized Load Regulation (∆IL = 10 mA) vs. Temperature
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
Figure 9. Normalized Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com