Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01EZ Datasheet(PDF) 3 Page - Analog Devices

Part # REF01EZ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01EZ Datasheet(HTML) 3 Page - Analog Devices

  REF01EZ Datasheet HTML 1Page - Analog Devices REF01EZ Datasheet HTML 2Page - Analog Devices REF01EZ Datasheet HTML 3Page - Analog Devices REF01EZ Datasheet HTML 4Page - Analog Devices REF01EZ Datasheet HTML 5Page - Analog Devices REF01EZ Datasheet HTML 6Page - Analog Devices REF01EZ Datasheet HTML 7Page - Analog Devices REF01EZ Datasheet HTML 8Page - Analog Devices REF01EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REF01
Rev. H | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
@ VIN = 15 V, TA = 25°C, unless otherwise noted.
Table 1.
REF01A/REF01E
REF01H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
VO
IL = 0 mA
9.97
10.00
10.03
9.95
10.00
10.05
V
Output Adjustment Range
∆VTRIM
RP = 10 kΩ
±3.0
±3.3
±3.0
±3.3
%
Output Voltage Noise1
S, Z, P Packages
J, 883 Parts
en p-p
en p-p
0.1 Hz to 10 Hz
0.1 Hz to 10 Hz
30
35
30
35
µV p-p
µV p-p
Line Regulation2
VIN = 13 V to 33 V
0.006
0.010
0.006
0.010
%/V
Load Regulation2
IL = 0 mA to 10 mA
0.005
0.008
0.006
0.010
%/mA
Turn-On Settling Time3
tON
To ± 0.1% of final value
5
5
µs
Quiescent Supply Current
ISY
No load
1.0
1.4
1.0
1.4
mA
Load Current
IL
10
10
mA
Sink Current4
IS
−0.3
−0.5
−0.3
−0.5
mA
Short-Circuit Current
ISC
VO = 0
30
30
mA
1 Sample tested.
2 Line and load regulation specifications include the effect of self-heating.
3 Guaranteed by design, not production tested.
4 During sink current test, the device meets the output voltage specified.
@ VIN = 15 V, −55°C ≤ TA ≤ +125°C for REF01A/REF01E, and 0°C ≤ TA ≤ 70°C for REF01H, and IL = 0 mA, unless otherwise noted.
Table 2.
REF01A/REF01E
REF01H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage Change
∆VOT
0°C ≤ TA ≤ 70°C
0.02
0.06
0.07
0.17
%
with Temperature1, 2
−55°C ≤ TA ≤+ 125°C
0.06
0.15
0.18
0.45
%
Output Voltage
TCVO
3.0
8.5
10.0
25.0
ppm/°C
Temperature Coefficient3
Change in VO Temperature Coefficient
RP = 10 kΩ
0.7
0.7
ppm/%
with Output Adjustment
Line Regulation
0°C ≤ TA ≤ 70°C
0.007
0.012
0.007
0.012
%/V
(VIN = 13 V to 33 V)4
−55°C ≤ TA ≤ + 125°C
0.009
0.015
0.009
0.015
%/V
Load Regulation
0°C ≤ TA ≤ 70°C
0.006
0.010
0.007
0.012
%/mA
(IL = 0 mA to 8 mA)4
−55°C ≤ TA ≤ + 125°C
0.007
0.012
0.009
0.015
%/mA
1 ∆VOT is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed as
a percentage of 10 V:
100
V
10
×
−
=
∆
MIN
MAX
OT
V
V
V
2 ∆VOT specification applies trimmed to 10000 V or untrimmed.
3 TCVO is defined as ∆Var divided by the temperature range; therefore,
()
()
C
70
C
70
C
0
C
70
C
0
°
°
+
°
∆
=
°
+
°
to
V
to
TCV
OT
O
and
()
()
C
180
C
125
C
55
C
125
C
55
°
°
+
°
−
∆
=
°
+
°
−
to
V
to
TCV
OT
O
4 Line and load regulation specifications include the effect of self-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com