Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01ES Datasheet(PDF) 6 Page - Analog Devices

Part # TMP01ES
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01ES Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP01ES Datasheet HTML 2Page - Analog Devices TMP01ES Datasheet HTML 3Page - Analog Devices TMP01ES Datasheet HTML 4Page - Analog Devices TMP01ES Datasheet HTML 5Page - Analog Devices TMP01ES Datasheet HTML 6Page - Analog Devices TMP01ES Datasheet HTML 7Page - Analog Devices TMP01ES Datasheet HTML 8Page - Analog Devices TMP01ES Datasheet HTML 9Page - Analog Devices TMP01ES Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TMP01
Rev. E | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
515
010
SUPPLY VOLTAGE (V)
550
350
400
375
450
425
475
500
525
+25°C
+125°C
+85°C
–55°C
–40°C
Figure 3. Supply Current vs. Supply Voltage
5.0
3.0
4.5
3.5
4.0
125
–75
–50
–25
100
75
50
25
0
TEMPERATURE (°C)
Figure 4. Minimum Supply Voltage vs. Temperature
2.0
1.0
0.5
–2.0
1.5
–1.0
–1.5
–0.5
0
125
–75
–50
–25
100
75
V+ = 5V
50
25
0
TEMPERATURE (°C)
Figure 5. VPTAT Accuracy vs. Temperature
2.508
2.506
2.504
2.496
2.500
2.498
2.502
125
–75
–50
–25
100
75
V+ = 5V
50
25
0
TEMPERATURE (°C)
Figure 6. VREF Accuracy vs. Temperature
6
0
3
1
2
5
4
50
10
40
030
20
VC = 15V
V+ = 5V
TA = 25°C
IC (mA)
Figure 7. Open-Collector Output (OVER, UNDER) Saturation Voltage vs.
Output Current
X – 3
σ
X + 3
σ
2.510
2.490
2.496
2.492
2.494
2.502
2.498
2.500
2.504
2.506
2.508
1000
200
800
0
400
600
X
CURVES NOT NORMALIZED
EXTRAPOLATED FROM OPERATING LIFE DATA
T = HOURS OF OPERATION AT 125°C; V+ = 5V
Figure 8. VREF Long Term Drift Accelerated by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com