Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01ES Datasheet(PDF) 18 Page - Analog Devices

Part # TMP01ES
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01ES Datasheet(HTML) 18 Page - Analog Devices

Back Button TMP01ES Datasheet HTML 12Page - Analog Devices TMP01ES Datasheet HTML 13Page - Analog Devices TMP01ES Datasheet HTML 14Page - Analog Devices TMP01ES Datasheet HTML 15Page - Analog Devices TMP01ES Datasheet HTML 16Page - Analog Devices TMP01ES Datasheet HTML 17Page - Analog Devices TMP01ES Datasheet HTML 18Page - Analog Devices TMP01ES Datasheet HTML 19Page - Analog Devices TMP01ES Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TMP01
Rev. E | Page 18 of 20
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MO-002-AK
0.2500 (6.35) MIN
0.5000 (12.70)
MIN
0.1850 (4.70)
0.1650 (4.19)
REFERENCE PLANE
0.0500 (1.27) MAX
0.0190 (0.48)
0.0160 (0.41)
0.0210 (0.53)
0.0160 (0.41)
0.0400 (1.02)
0.0100 (0.25)
0.0400 (1.02) MAX
0.0340 (0.86)
0.0280 (0.71)
0.0450 (1.14)
0.0270 (0.69)
0.1600 (4.06)
0.1400 (3.56)
0.1000 (2.54)
BSC
6
2
8
7
5
4
3
1
0.2000
(5.08)
BSC
0.1000
(2.54)
BSC
45° BSC
BASE & SEATING PLANE
Figure 35. 8-Pin Metal Header [TO-99]
(H-08)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model/Grade
Temperature Range
Package Description
Package Option
TMP01ES
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01ES-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01ESZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FP
−40°C to +85°C
8-Lead PDIP
N-8
TMP01FPZ1
−40°C to +85°C
8-Lead PDIP
N-8
TMP01FS
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FS-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FS-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FSZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8
TMP01FJ
−40°C to +85°C
8-Pin Metal Header (TO-99)
H-08
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com