Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01ESZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # TMP01ESZ1
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01ESZ1 Datasheet(HTML) 5 Page - Analog Devices

  TMP01ESZ1 Datasheet HTML 1Page - Analog Devices TMP01ESZ1 Datasheet HTML 2Page - Analog Devices TMP01ESZ1 Datasheet HTML 3Page - Analog Devices TMP01ESZ1 Datasheet HTML 4Page - Analog Devices TMP01ESZ1 Datasheet HTML 5Page - Analog Devices TMP01ESZ1 Datasheet HTML 6Page - Analog Devices TMP01ESZ1 Datasheet HTML 7Page - Analog Devices TMP01ESZ1 Datasheet HTML 8Page - Analog Devices TMP01ESZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TMP01
Rev. E | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Maximum Supply Voltage
−0.3 V to +15 V
Maximum Input Voltage (SET HIGH, SET LOW)
−0.3 V to V+ +0.3 V
Maximum Output Current (VREF, VPTAT)
2 mA
Maximum Output Current (Open-Collector
Outputs)
50 mA
Maximum Output Voltage (Open-Collector
Outputs)
15 V
Operating Temperature Range
−55°C to +150°C
Die Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Digital inputs and outputs are protected; however, permanent
damage may occur on unprotected units from high energy
electrostatic fields. Keep units in conductive foam or packaging
at all times until ready to use. Use proper antistatic handling
procedures.
Remove power before inserting or removing units from their
sockets.
Table 4.
Package Type
θJA
θJC
Unit
8-Lead PDIP (N-8)
1031
43
°C/W
8-Lead SOIC (R-8)
1582
43
°C/W
8-Pin TO-99 Can (H-08)
1501
18
°C/W
1 θJA is specified for device in socket (worst-case conditions).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
2 θJA is specified for device mounted on PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com