Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01ESZ1 Datasheet(PDF) 2 Page - Analog Devices

Part # TMP01ESZ1
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01ESZ1 Datasheet(HTML) 2 Page - Analog Devices

  TMP01ESZ1 Datasheet HTML 1Page - Analog Devices TMP01ESZ1 Datasheet HTML 2Page - Analog Devices TMP01ESZ1 Datasheet HTML 3Page - Analog Devices TMP01ESZ1 Datasheet HTML 4Page - Analog Devices TMP01ESZ1 Datasheet HTML 5Page - Analog Devices TMP01ESZ1 Datasheet HTML 6Page - Analog Devices TMP01ESZ1 Datasheet HTML 7Page - Analog Devices TMP01ESZ1 Datasheet HTML 8Page - Analog Devices TMP01ESZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TMP01
Rev. E | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
TMP01EST, TMP01FP, TMP01FS ............................................. 3
 
TMP01FJ........................................................................................ 4
 
Absolute Maximum Ratings............................................................ 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation ........................................................................ 8
 
Temperature Hysteresis ............................................................... 8
 
Programming the TMP01 ........................................................... 8
 
Understanding Error Sources ..................................................... 9
 
Safety Considerations in Heating and Cooling System
Design ............................................................................................ 9
 
Applications Information .............................................................. 10
 
Self-Heating Effects.................................................................... 10
 
Buffering the Voltage Reference............................................... 10
 
Preserving Accuracy Over Wide Temperature Range
Operation .................................................................................... 10
 
Thermal Response Time ........................................................... 10
 
Switching Loads with the Open-Collector Outputs .............. 11
 
High Current Switching ............................................................ 12
 
Buffering the Temperature Output Pin ................................... 13
 
Differential Transmitter............................................................. 13
 
4 mA to 20 mA Current Loop .................................................. 13
 
Temperature-to-Frequency Converter .................................... 14
 
Isolation Amplifier ..................................................................... 15
 
Out-of-Range Warning.............................................................. 15
 
Translating 5 mV/K to 10 mV/°C ............................................ 16
 
Translating VPTAT to the Fahrenheit Scale ........................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
7/09—Rev. D to Rev. E
Updated Format..................................................................Universal
Updated Outline Dimensions ....................................................... 18
Changes to Ordering Guide .......................................................... 19
1/02—Rev. C: Rev. D
Edits to General Descriptions Section........................................... 1
Edits to Specifications Section ........................................................ 2
Edits to Wafer Test Limits Section.................................................. 4
Edits to Dice Characteristics Section ............................................. 4
Edits to Ordering Guide .................................................................. 5
7/93—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com