Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP36GSZ Datasheet(PDF) 6 Page - Analog Devices

Part # TMP36GSZ
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36GSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP36GSZ Datasheet HTML 2Page - Analog Devices TMP36GSZ Datasheet HTML 3Page - Analog Devices TMP36GSZ Datasheet HTML 4Page - Analog Devices TMP36GSZ Datasheet HTML 5Page - Analog Devices TMP36GSZ Datasheet HTML 6Page - Analog Devices TMP36GSZ Datasheet HTML 7Page - Analog Devices TMP36GSZ Datasheet HTML 8Page - Analog Devices TMP36GSZ Datasheet HTML 9Page - Analog Devices TMP36GSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 6 of 20
TEMPERATURE (°C)
50
40
10
30
20
60
–50
125
–25
0
255075
100
TEMPERATURE (°C)
400
300
0
200
100
–50
125
–25
0
255075
100
a. +VS = 5V
b. +VS = 3V
NO LOAD
b
a
Figure 11. Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
40
30
0
20
10
50
07
12
3
4
5
6
TA = 25°C, NO LOAD
8
Figure 12. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
40
30
0
20
10
50
50
125
25
0
25
50
75
100
a. +VS = 5V
b. +VS = 3V
NO LOAD
a
b
Figure 13. Supply Current vs. Temperature (Shutdown = 0 V)
= +VS AND SHUTDOWN PINS
HIGH TO LOW (3V TO 0V)
= +VS AND SHUTDOWN PINS
LOW TO HIGH (0V TO 3V)
VOUT SETTLES WITHIN ±1°C
Figure 14. VOUT Response Time for +VS Power-Up/Power-Down vs.
Temperature
TEMPERATURE (°C)
400
300
0
200
100
–50
125
–25
0
25
50
75
100
= SHUTDOWN PIN
HIGH TO LOW (3V TO 0V)
= SHUTDOWN PIN
LOW TO HIGH (0V TO 3V)
VOUT SETTLES WITHIN ±1°C
Figure 15. VOUT Response Time for SHUTDOWN Pin vs. Temperature
TIME (µs)
0
1.0
0.8
0.6
0.4
0.2
50
250
0
100
50
150
200
300
350
400
450
0
1.0
0.8
0.6
0.4
0.2
TA = 25°C
+VS = 3V
SHUTDOWN =
SIGNAL
TA = 25°C
+VS AND SHUTDOWN =
SIGNAL
Figure 16. VOUT Response Time to SHUTDOWN Pin and +VS Pin vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com