Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP36GSZ Datasheet(PDF) 3 Page - Analog Devices

Part # TMP36GSZ
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36GSZ Datasheet(HTML) 3 Page - Analog Devices

  TMP36GSZ Datasheet HTML 1Page - Analog Devices TMP36GSZ Datasheet HTML 2Page - Analog Devices TMP36GSZ Datasheet HTML 3Page - Analog Devices TMP36GSZ Datasheet HTML 4Page - Analog Devices TMP36GSZ Datasheet HTML 5Page - Analog Devices TMP36GSZ Datasheet HTML 6Page - Analog Devices TMP36GSZ Datasheet HTML 7Page - Analog Devices TMP36GSZ Datasheet HTML 8Page - Analog Devices TMP36GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 3 of 20
SPECIFICATIONS
VS = 2.7 V to 5.5 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 1.
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ACCURACY
TMP35/TMP36/TMP37 (F Grade)
TA = 25°C
±1
±2
°C
TMP35/TMP36/TMP37 (G Grade)
TA = 25°C
±1
±3
°C
TMP35/TMP36/TMP37 (F Grade)
Over rated temperature
±2
±3
°C
TMP35/TMP36/TMP37 (G Grade)
Over rated temperature
±2
±4
°C
Scale Factor, TMP35
10°C ≤ TA ≤ 125°C
10
mV/°C
Scale Factor, TMP36
−40°C ≤ TA ≤ +125°C
10
mV/°C
Scale Factor, TMP37
5°C ≤ TA ≤ 85°C
20
mV/°C
5°C ≤ TA ≤ 100°C
20
mV/°C
3.0 V ≤ VS ≤ 5.5 V
Load Regulation
0 μA ≤ IL ≤ 50 μA
−40°C ≤ TA ≤ +105°C
6
20
m°C/μA
−105°C ≤ TA ≤ +125°C
25
60
m°C/μA
Power Supply Rejection Ratio
PSRR
TA = 25°C
30
100
m°C/V
3.0 V ≤ VS ≤ 5.5 V
50
m°C/V
Linearity
0.5
°C
Long-Term Stability
TA = 150°C for 1 kHz
0.4
°C
SHUTDOWN
Logic High Input Voltage
VIH
VS = 2.7 V
1.8
V
Logic Low Input Voltage
VIL
VS = 5.5 V
400
mV
OUTPUT
TMP35 Output Voltage
TA = 25°C
250
mV
TMP36 Output Voltage
TA = 25°C
750
mV
TMP37 Output Voltage
TA = 25°C
500
mV
Output Voltage Range
100
2000
mV
Output Load Current
IL
0
50
μA
Short-Circuit Current
ISC
Note 2
250
μA
Capacitive Load Driving
CL
No oscillations2
1000
10000
pF
Device Turn-On Time
Output within ±1°C, 100 kΩ||100 pF load2
0.5
1
ms
POWER SUPPLY
Supply Range
VS
2.7
5.5
V
Supply Current
ISY (ON)
Unloaded
50
μA
Supply Current (Shutdown)
ISY (OFF)
Unloaded
0.01
0.5
μA
1 Does not consider errors caused by self-heating.
2 Guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com