Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP37GSZ Datasheet(PDF) 7 Page - Analog Devices

Part # TMP37GSZ
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37GSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP37GSZ Datasheet HTML 3Page - Analog Devices TMP37GSZ Datasheet HTML 4Page - Analog Devices TMP37GSZ Datasheet HTML 5Page - Analog Devices TMP37GSZ Datasheet HTML 6Page - Analog Devices TMP37GSZ Datasheet HTML 7Page - Analog Devices TMP37GSZ Datasheet HTML 8Page - Analog Devices TMP37GSZ Datasheet HTML 9Page - Analog Devices TMP37GSZ Datasheet HTML 10Page - Analog Devices TMP37GSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 7 of 20
TIME (s)
70
0
60
50
40
30
20
10
80
90
100
110
0
100
200
300
400
500
600
a
10mV
1ms
b
c
+VS = 3V, 5V
a. TMP35 SOIC SOLDERED TO 0.5" × 0.3" Cu PCB
b. TMP36 SOIC SOLDERED TO 0.6" × 0.4" Cu PCB
c. TMP35 TO-92 IN SOCKET SOLDERED TO
1" × 0.4" Cu PCB
100
90
10
0%
TIME/DIVISION
a
b
Figure 20. Temperature Sensor Wideband Output Noise Voltage;
Gain = 100, BW = 157 kHz
Figure 17. Thermal Response Time in Still Air
AIR VELOCITY (FPM)
0
60
40
20
80
140
100
120
0
100
200
300
400
500
600
a
FREQUENCY (Hz)
2400
1000
0
10
10k
100
1k
b
c
a. TMP35 SOIC SOLDERED TO 0.5" × 0.3" Cu PCB
b. TMP36 SOIC SOLDERED TO 0.6" × 0.4" Cu PCB
c. TMP35 TO-92 IN SOCKET SOLDERED TO
1" × 0.4" Cu PCB
+VS = 3V, 5V
700
2200
2000
1600
1800
1400
1200
800
600
400
200
a. TMP35/TMP36
b. TMP37
Figure 21. Voltage Noise Spectral Density vs. Frequency
Figure 18. Thermal Response Time Constant in Forced Air
TIME (s)
70
0
60
50
40
30
20
10
80
90
100
110
0
10
20
30
40
50
60
a
b
c
+VS = 3V, 5V
a. TMP35 SOIC SOLDERED TO 0.5" × 0.3" Cu PCB
b. TMP36 SOIC SOLDERED TO 0.6" × 0.4" Cu PCB
c. TMP35 TO-92 IN SOCKET SOLDERED TO
1" × 0.4" Cu PCB
Figure 19. Thermal Response Time in Stirred Oil Bath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com