Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP37GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # TMP37GSZ
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button TMP37GSZ Datasheet HTML 7Page - Analog Devices TMP37GSZ Datasheet HTML 8Page - Analog Devices TMP37GSZ Datasheet HTML 9Page - Analog Devices TMP37GSZ Datasheet HTML 10Page - Analog Devices TMP37GSZ Datasheet HTML 11Page - Analog Devices TMP37GSZ Datasheet HTML 12Page - Analog Devices TMP37GSZ Datasheet HTML 13Page - Analog Devices TMP37GSZ Datasheet HTML 14Page - Analog Devices TMP37GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 11 of 20
The same circuit principles can be applied to the TMP36, but
because of the inherent offset of the TMP36, the circuit uses only
two resistors, as shown in Figure 26. In this circuit, the output
voltage transfer characteristic is 1 mV/°F but is referenced to
the common ground of the circuit; however, there is a 58 mV
(58°F) offset in the output voltage. For example, the output
voltage of the circuit reads 18 mV if the TMP36 is placed in a
−40°F ambient environment and 315 mV at +257°F.
At the expense of additional circuitry, the offset produced by
the circuit in Figure 26 can be avoided by using the circuit in
Figure 27. In this circuit, the output of the TMP36 is conditioned
by a single-supply, micropower op amp, the OP193. Although
the entire circuit operates from a single 3 V supply, the output
voltage of the circuit reads the temperature directly, with a
transfer characteristic of 1 mV/°F, without offset. This is accom-
plished through an ADM660, which is a supply voltage inverter.
The 3 V supply is inverted and applied to the V− terminal of the
OP193. Thus, for a temperature range between −40°F and +257°F,
the output of the circuit reads −40 mV to +257 mV. A general
expression for the transfer equation of the circuit is given by
TMP36
GND
0.1µF
VOUT
+VS
R1
45.3kΩ
R2
10kΩ
+VS
VOUT @ 40°F = 18mV
VOUT @ +257°F = 315mV
VOUT @ 1mV/°F 58°F
()
+
+
=
2
1
S
OUT
V
R3
R4
TMP36
R3
R4
R6
R5
R6
V
Figure 26. TMP36 Fahrenheit Thermometer Version 1
ELEMENT
R3
R4
R5
R6
VALUE
VOUT
R1
50kΩ
+VS
ADM660
TMP36
OP193
R2
50kΩ
R3
R4
+3V
C1
10µF
R5
0.1µF
10µF
–3V
10µF/0.1µF
GND
NC
10µF
NC
R6
1
2
3
4
5
6
7
2
3
4
6
7
8
258.6kΩ
10kΩ
47.7kΩ
10kΩ
+
+
+
+
+
VOUT @ 1mV/°F
40°F ≤ TA ≤ +257°F
Figure 27. TMP36 Fahrenheit Thermometer Version 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com