Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSECAT1 Datasheet(PDF) 2 Page - Altech corporation

Part # FUSECAT1
Description  Miniature Fuses are typically used to protect electronic devices laboratory and measurement instruments, stereos
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

FUSECAT1 Datasheet(HTML) 2 Page - Altech corporation

  FUSECAT1 Datasheet HTML 1Page - Altech corporation FUSECAT1 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
Altech Corp.® 35 Royal Road Flemington NJ 08822-6000 Phone (908) 806-9400 Fax (908) 806-9490 www.altechcorp.com
Cat. No.
Slow
Fast
0.032M6.3x32T4
0.04M6.3x32T4
0.05M6.3x32T4
0.05M6.3x32F
0.063M6.3x32T4
0.063M6.3x32F
0.08M6.3x32T4
0.08M6.3x32F
0.1M6.3x32T4
0.1M6.3x32F
0.125M6.3x32T4
0.125M6.3x32F
0.16M6.3x32T4
0.16M6.3x32F
0.16M6.3x32FF1,4,5
0.2M6.3x32T4
0.2M6.3x32F
0.2M6.3x32FF1,4,5
0.25M6.3x32T4
0.25M6.3x32F
0.25M6.3x32FF1,4,5
0.315M6.3x32T4
0.315M6.3x32F
0.315M6.3x32FF1,4,5
0.4M6.3x32T4
0.4M6.3x32F
0.4M6.3x32FF1,4,5
0.5M6.3x32T4
0.5M6.3x32F
0.5M6.3x32FF1,4,5
0.63M6.3x32T4
0.63M6.3x32F
0.63M6.3x32FF1,4,5
0.7M6.3x32T4
0.7M6.3x32F
0.8M6.3x32T4
0.8M6.3x32F
0.8M6.3x32FF1,4,5
1.0M6.3x32T4
1.0M6.3x32F4
1.0M6.3x32FF1,4,5
1.25M6.3x32T4
1.25M6.3x32F4
1.25M6.3x32FF1,4,5
1.6M6.3x32T4
1.6M6.3x32F4
1.6M6.3x32FF1,4,5
2.0M6.3x32T4
2.0M6.3x32F4
2.0M6.3x32FF1,4,5
2.5M6.3x32T4
2.5M6.3x32F2,4
2.5M6.3x32FF1,4
3.15M6.3x32T4
3.15M6.3x32F2,4
3.15M6.3x32FF1,4
4.0M6.3x32T4
4.0M6.3x32F2,4
4.0M6.3x32FF1,4
5.0M6.3x32T4
5.0M6.3x32F3,4
5.0M6.3x32FF1,4
6.3M6.3x32T4
6.3M6.3x32F3,4
6.3M6.3x32FF1,4
7.0M6.3x32T4
7.0M6.3x32F3
8.0M6.3x32T4
8.0M6.3x32F3
8.0M6.3x32FF1,4
10.0M6.3x32T4
10.0M6.3x32F3
10.0M6.3x32FF1,4
12.5M6.3x32T4
12.5M6.3x32F3
12.5M6.3x32FF1,4
16.0M6.3x32T4
16.0M6.3x32F3
16.0M6.3x32FF1,4
20.0M6.3x32T4
20.0M6.3x32F3
20.0M6.3x32FF1,4
Cat. No.
Medium
Fast
0.08M5x25M/I
0.1M5x25M/I
0.125M5x25M/I
0.16M5x25M/I
0.2M5x25M/I
0.25M5x25M/I
0.315M5x25M/I
0.4M5x25M/I
0.5M5x25M/I
0.63M5x25M/I
0.8M5x25M/I
1.0M5x25M/I
1.25M5x25M/I
1.6M5x25M/I
1.6M5x25F/I
2.0M5x25M/I
2.0M5x25F/I
2.5M5x25M/I
2.5M5x25F/I
3.15M5x25M/I
3.15M5x25F/I
4.0M5x25M/I
4.0M5x25F/I
5.0M5x25M/I
5.0M5x25F/I
6.3M5x25M/I
6.3M5x25F/I
8.0M5x25M/I*
8.0M5x25F/I*
10.0M5x25M/I*
10.0M5x25F/I*
5 x 30
Voltage 250V
6.3 x 32
Voltage 250V
DIN 41576-1, -2
Voltage 500V
DIN 41571-2
5 x 25
with Indicator
Cat. No.
Medium
0.032M5x30M
0.04M5x30M
0.05M5x30M
0.063M5x30M
0.08M5x30M
0.1M5x30M
0.125M5x30M
0.16M5x30M
0.2M5x30M
0.25M5x30M
0.315M5x30M
0.4M5x30M
0.5M5x30M
0.63M5x30M
0.8M5x30M
1.0M5x30M
1.25M5x30M
1.6M5x30M
2.0M5x30M
2.5M5x30M
3.15M5x30M
4.0M5x30M
5.0M5x30M
6.3M5x30M
8.0M5x30M*
10.0M5x30M*
16.0M5x30M*
0
1
.
k
P
.
d
t
S
0
1
.
k
P
.
d
t
S
Std. Pk. 10
Ø5mm
(.2 in.)
Ø5mm
(.2 in.)
Ø6.3mm
(.25 in.)
Cat. No.
Medium
Fast
0.08M5x25M/I
0.1M5x25M/I
0.125M5x25M/I
0.16M5x25M/I
0.2M5x25M/I
0.25M5x25M/I
0.315M5x25M/I
0.4M5x25M/I
0.5M5x25M/I
0.63M5x25M/I
0.8M5x25M/I
1.0M5x25M/I
1.25M5x25M/I
1.6M5x25M/I
1.6M5x25F/I
2.0M5x25M/I
2.0M5x25F/I
2.5M5x25M/I
2.5M5x25F/I
3.15M5x25M/I
3.15M5x25F/
5F
5F I//
4.0M5x25M/I
4.0M5x25F/I
5.0M5x25M/I
5.0M5x25F/I
6.3M5x25M/I
6.3M5x25F/I
8.0M5x25M/I*
8.0M5x25F/I*
10.0M5x25M/I*
10.0M5x25F/I*
Voltage 250V
DIN 41576-1, -2
Voltage 500V
DIN 41571-2
Cat. No.
Medium
0.032M5x30M
0.04M5x30M
0.05M5x30M
0.063M5x30M
0.08M5x30M
0.1M5x30M
0.125M5x30M
0.16M5x30M
0.2M5x30M
0.25M5x30M
0.315M5x30M
0.4M5x30M
0.5M5x30M
0.63M5x30M
0.8M5x30M
1.0M5x30M
1.25M5x30M
1.6M5x30M
2.0M5x30M
2.5M5x30M
3.15M5x30M
4.0M5x30M
5.0M5x30M
6.3M5x30M
8.0M5x30M*
10.0M5x30M*
16.0M5x30M*
0
1
.
k
P
.
d
t
S
0
1
.
k
P
.
d
t
S
Ø5mm
(.2 in.)
Ø5mm
(.2 in.)
Non Stocked
By request only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com