Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSECAT1 Datasheet(PDF) 1 Page - Altech corporation

Part # FUSECAT1
Description  Miniature Fuses are typically used to protect electronic devices laboratory and measurement instruments, stereos
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

FUSECAT1 Datasheet(HTML) 1 Page - Altech corporation

  FUSECAT1 Datasheet HTML 1Page - Altech corporation FUSECAT1 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
Altech Corp.® 35 Royal Road Flemington NJ 08822-6000 Phone (908) 806-9400 Fax (908) 806-9490 www.altechcorp.com
Std. Pk. 10
Cat. No.
Medium
0.032M5x25M
0.04M5x25M
0.05M5x25M
0.063M5x25M
0.08M5x25M
0.1M5x25M
0.125M5x25M
0.16M5x25M
0.2M5x25M
0.25M5x25M
0.315M5x25M
0.4M5x25M
0.5M5x25M
0.63M5x25M
0.8M5x25M
1.0M5x25M
1.25M5x25M
1.6M5x25M
2.0M5x25M
2.5M5x25M
3.15M5x25M
4.0M5x25M
5.0M5x25M
6.3M5x25M
8.0M5x25M *
10.0M5x25M *
16.0M5x25M *
MINIATURE
Miniature Fuses are typically used to
protect electronic devices, laboratory and
measurement instruments, stereos, TV’s,
VCR’s etc. They are available in four sizes
with a current range of 20mA to 20 Amps.
Miniature Fuses are manufactured
according to VDE 0820 part 1, VDE 0820
part 2, IEC publication 127, CEE
publication 4 and actual DIN standards.
Slow
Typical Marking: “T”
Medium
Typical Marking: “M”
Fast
Typical Marking: “F”
Super Fast
Typical Marking: “FF”
Ordering Information
Current
20mA
32mA
40mA
50mA
63mA
80mA
100mA
125mA
160mA
200mA
250mA
315mA
400mA
500mA
630mA
700mA
800mA
1.0A
1.25A
1.4A
1.6A
2.0A
2.5A
3.15A
4.0A
5.0A
6.3A
7.0A
8.0A
10.0A
12.5A
16.0A
20.0A
Cat. No.
Slow
Medium
Fast
0.02M5x20M
0.032M5x20M
0.05M5x20T4
0.05M5x20M
0.05M5x20F4
0.063M5x20M
0.08M5x20T4
0.08M5x20M
0.1M5x20T4
0.1M5x20M
0.1M5x20F4
0.125M5x20T4
0.125M5x20M
0.125M5x20F4
0.16M5x20T4
0.16M5x20M
0.16M5x20F4
0.2M5x20T4
0.2M5x20M
0.2M5x20F4
0.25M5x20T4
0.25M5x20M
0.25M5x20F4
0.315M5x20T4
0.315M5x20M
0.315M5x20F4
0.4M5x20T4
0.4M5x20M
0.4M5x20F4
0.5M5x20T4
0.5M5x20M
0.5M5x20F4
0.63M5x20T4
0.63M5x20M
0.63M5x20F4
0.7M5x20T4
0.7M5x20M
0.7M5x20F4
0.8M5x20T4
0.8M5x20M
0.8M5x20F4
1.0M5x20T4
1.0M5x20M
1.0M5x20F4
1.25M5x20T4
1.25M5x20M
1.25M5x20F4
1.4M5x20T4
1.4M5x20M
1.6M5x20T4
1.6M5x20M
1.6M5x20F4
2.0M5x20T4
2.0M5x20M
2.0M5x20F4
2.5M5x20T4
2.5M5x20M
2.5M5x20F4
3.15M5x20T4
3.15M5x20M
3.15M5x20F4
4.0M5x20T4
4.0M5x20M
4.0M5x20F4
5.0M5x20T4
5.0M5x20M
5.0M5x20F4
6.3M5x20T4
6.3M5x20M
6.3M5x20F4
8.0M5x20T*
8.0M5x20M
8.0M5x20F*
10.0M5x20T*
10.0M5x20M
10.0M5x20F*
12.5M5x20T*
12.5M5x20M*
12.5M5x20F*
16.0M5x20T*
16.0M5x20M*
16.0M5x20F*
20.0M5x20T*
20.0M5x20M*
20.0M5x20F*
Voltage 250V
DIN 41662
DIN 41571-2
DIN 41661
IEC-127-2/III
IEC-127-2/II
5 x 25
Voltage 250V
DIN 41571-2
5 x 20
* Not standard rating.
1
Rated Voltage 500V.
2
Rated Voltage 150V.
3
Rated Voltage 60V.
All fuses listed are low breaking capacity.
For high breaking capacity fuses please
contact Altech.
Std. Pk. 10
Ø5mm
(.2 in.)
Ø5mm
(.2 in.)


Similar Part No. - FUSECAT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FUSE.125B ETC1-FUSE.125B Datasheet
1Mb / 6P
FUSES
2019
FUSE01B ETC1-FUSE01B Datasheet
1Mb / 6P
FUSES
2019
FUSE01G4B ETC1-FUSE01G4B Datasheet
1Mb / 6P
FUSES
2019
FUSE02B ETC1-FUSE02B Datasheet
1Mb / 6P
FUSES
2019
FUSE05B ETC1-FUSE05B Datasheet
1Mb / 6P
FUSES
2019
More results

Similar Description - FUSECAT1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
Measurement Instruments Power Line Control
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
MEASUREMENT INSTRUMENTS
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
MEASUREMENT INSTRUMENTS
logo
Littelfuse
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
logo
Toshiba Semiconductor
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
Measurement Instruments
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
ideal for ATE and measurement instruments.
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
Frequency Measurement and Switching Instruments
logo
Endress+Hauser Group Se...
CPL57E EH-CPL57E Datasheet
973Kb / 8P
pH measurement for laboratory measurements and random sampling
2022-01-03
CPL59E EH-CPL59E Datasheet
1Mb / 8P
pH measurement for laboratory measurements and random sampling
2022-01-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com