Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP199D Datasheet (PDF) - Toshiba Semiconductor

TLP199D Datasheet PDF - Toshiba Semiconductor
Part # TLP199D
Download  TLP199D Download
File Size   137.77 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MEASUREMENT INSTRUMENTS

TLP199D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP199D Datasheet PDF - Toshiba Semiconductor

Part # TLP199D
Download  TLP199D Click to download

File Size   137.77 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MEASUREMENT INSTRUMENTS

TLP199D Datasheet (HTML) - Toshiba Semiconductor


TLP199D Product details

MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
   
The TOSHIBA TLP199D consist of a gallium arsenide infrared emitting diode optically coupled to a photo-MOS FET in a plastic SOP package.
Its characteristics include low OFF-state current and low output pin capacitance, enabling it to be used in high-frequency measurement instruments.
   
FEATURES
• 6 pin SOP (2.54SOP6) : 2.1 mm high, 2.54 mm pitch
• 1-Form-A
• Peak Off-State Voltage : 200 V (min)
• Trigger LED Current : 3 mA (max)
• On-State Current : 50 mA (max)
• On-State Resistance : 50 ohm (max)
• Output Capacitance : 20 pF (max)
• Isolation Voltage : 1500 Vrms (min)
   




Similar Part No. - TLP199D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
124Kb / 5P
TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
TLP190B TOSHIBA-TLP190B Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
TLP191B TOSHIBA-TLP191B Datasheet
153Kb / 4P
GaA?밃s Ired & Photo-Diode Array
More results


Similar Description - TLP199D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
Measurement Instruments Power Line Control
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
MEASUREMENT INSTRUMENTS
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
MEASUREMENT INSTRUMENTS
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
Measurement Instruments
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
ideal for ATE and measurement instruments.
logo
Toshiba Semiconductor
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
Frequency Measurement and Switching Instruments
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com