Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3123 Datasheet (PDF) - Toshiba Semiconductor

TLP3123 Datasheet PDF - Toshiba Semiconductor
Part # TLP3123
Download  TLP3123 Download
File Size   177.05 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Instruments Power Line Control

TLP3123 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3123 Datasheet PDF - Toshiba Semiconductor

Part # TLP3123
Download  TLP3123 Click to download

File Size   177.05 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Instruments Power Line Control

TLP3123 Datasheet (HTML) - Toshiba Semiconductor


TLP3123 Product details

Measurement Instruments
Power Line Control
FA (Factory Automation)

The TOSHIBA TLP3123 consists of a gallium arsenide infrared emitting diode optically coupled to a photo-MOS FET in a plastic SOP package. The TLP3123 is a bi-directional switch, which can replace mechanical relays in many applications. And its high on-state current maximum rating and low on-state resistance is suitable to control a power line.

Features
• 4 pin SOP (2.54SOP4) : 2.1 mm high, 2.54 mm pitch
• 1-Form-A
• Peak off-state voltage : 40 V (min)
• Trigger LED current : 3 mA (max)
• On-state current : 1 A (max)
• On-state resistance : 0.1 Ω (typ.)
• Capacitance between output terminals : 300 pF (typ.)
• Off-state current : 1 nA (max)
• Isolation voltage : 1500 Vrms (min)
• UL approved: UL1577, File No.E67349
• cUL approved :CSA Component Acceptance Service No. 5A, File No.E67349




Similar Part No. - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
Photocoupler PHOTORELAY
More results


Similar Description - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
MEASUREMENT INSTRUMENTS
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
MEASUREMENT INSTRUMENTS
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
Measurement Instruments
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
ideal for ATE and measurement instruments.
logo
Toshiba Semiconductor
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
Frequency Measurement and Switching Instruments
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com