Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5271 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5271
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5271 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5271 Datasheet HTML 9Page - Analog Devices AD5271 Datasheet HTML 10Page - Analog Devices AD5271 Datasheet HTML 11Page - Analog Devices AD5271 Datasheet HTML 12Page - Analog Devices AD5271 Datasheet HTML 13Page - Analog Devices AD5271 Datasheet HTML 14Page - Analog Devices AD5271 Datasheet HTML 15Page - Analog Devices AD5271 Datasheet HTML 16Page - Analog Devices AD5271 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 13 of 24
CODE (Decimal)
0
64
128
192
255
–0.02
0
0.02
0.08
0.04
0.06
0.10
+125°C
+25°C
–40°C
RAW = 20kΩ
Figure 19. R-INL in Normal Mode vs. Code vs. Temperature (AD5271)
CODE (Decimal)
0
64
128
192
255
–0.03
–0.02
–0.01
0.02
0
0.01
0.03
+125°C
+25°C
–40°C
RAW = 20kΩ
Figure 20. R-DNL in Normal Mode vs. Code vs. Temperature (AD5271)
–500
–400
–300
–200
–100
0
100
200
300
400
500
TEMPERATURE (°C)
–40 –30 –20 –10 0
20 30
40
50 60 70
80 90 100 110
10
IDD = 5V
ISS = 5V
IDD = 3V
ISS = 3V
Figure 21. Supply Current (IDD, ISS) vs. Temperature
CODE (Decimal)
0
64
128
192
255
0.15
0.10
0.05
0
–0.10
–0.05
20kΩ
100kΩ
TA = 25°C
Figure 22. R-INL in Normal Mode vs. Code vs. Nominal Resistance (AD5271)
CODE (Decimal)
0
64
128
192
255
0.010
0.008
0.006
0.004
0
–0.002
0.002
20kΩ
100kΩ
TA = 25°C
Figure 23. R-DNL in Normal Mode vs. Code vs. Nominal Resistance (AD5271)
0
0.2
0.4
0.6
0.8
1.0
VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 24. Supply Current IDD vs. Digital Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com