Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-2ARZ-R71 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4000-2ARZ-R71
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-2ARZ-R71 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4000-2ARZ-R71 Datasheet HTML 5Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 6Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 7Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 8Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 9Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 10Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 11Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 12Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Rev. A | Page 9 of 16
10
100
1k
100
1
1
10k
FREQUENCY (Hz)
10
VS = ±5V, ±15V
TA = 25°C
Figure 25. Voltage Noise Density vs. Frequency
120
0
1k
100M
FREQUENCY (Hz)
60
80
10k
100k
1M
10M
100
20
40
VS = ±15V
TA = 25°C
Av = +100
Av = +10
Av = +1
Figure 26. Output Impedance vs. Frequency
60
0
0600
400
200
LOAD CAPACITANCE (pF)
800
1000
50
40
30
20
10
VIN = 100mV p-p
VS = ±5V, ±15V
RL = 0
AV = +1
+OVERSHOOT
–OVERSHOOT
Figure 27. Overshoot vs. Load Capacitance
0.6
–0.6
–5
TIME (Seconds)
5
0.4
0.2
0
–0.2
–0.4
–4
–3
–2
–1
01234
VS = ±5V, ±15V
Figure 28. 0.1 Hz to 10 Hz Input Voltage Noise
50
–30
100
1k
100M
FREQUENCY (Hz)
–10
0
30
10k
100k
1M
10M
40
10
20
–20
AV = +100
AV = +10
AV = +1
VS = ±5V, ±15V
Figure 29. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com