Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-2ARZ-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4000-2ARZ-R71
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-2ARZ-R71 Datasheet(HTML) 1 Page - Analog Devices

  ADA4000-2ARZ-R71 Datasheet HTML 1Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 2Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 3Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 4Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 5Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 6Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 7Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 8Page - Analog Devices ADA4000-2ARZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, Precision JFET
Input Operational Amplifiers
ADA4000-1/ADA4000-2/ADA4000-4
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©2007—2009 Analog Devices, Inc. All rights reserved.
FEATURES
High slew rate: 20 V/μs
Fast settling time
Low offset voltage: 1.70 mV maximum
Bias current: 40 pA maximum
±4 V to ±18 V operation
Low voltage noise: 16 nV/
√Hz
Unity gain stable
Common-mode voltage includes +VS
Wide bandwidth: 5 MHz
APPLICATIONS
Reference gain/buffers
Level shift/driving
Active filters
Power line monitoring/control
Current/voltage sense or monitoring
Data acquisition
Sample-and-hold circuits
Integrators
GENERAL DESCRIPTION
The ADA4000-1/ADA4000-2/ADA4000-4 are JFET input
operational amplifiers featuring precision, very low bias current,
and low power. Combining high input impedance, low input
bias current, wide bandwidth, fast slew rate, and fast settling
time, the ADA4000-1/ADA4000-2/ADA4000-4 are ideal
amplifiers for driving analog-to-digital inputs and buffering
digital-to-analog converter outputs. The input common-mode
voltage includes the positive power supply, which makes the
part an excellent choice for high-side signal conditioning.
Additional applications for the ADA4000-1/ADA4000-2/
ADA4000-4 include electronic instruments, ATE amplification,
buffering, integrator circuits, instrumentation-quality photodiode
amplification, and fast precision filters (including PLL filters).
The parts also include utility functions, such as reference
buffering, level shifting, control I/O interface, power supply
control, and monitoring functions.
PIN CONFIGURATIONS
OUT 1
V– 2
+IN 3
V+
5
–IN
4
ADA4000-1
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT (UJ-5)
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
ADA4000-1
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC (R-8)
OUT A 1
–IN A 2
+IN A 3
–V 4
+V
8
OUT B
7
–IN B
6
+IN B
5
ADA4000-2
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R-8)
OUT A 1
–IN A 2
+IN A 3
–V 4
+V
8
OUT B
7
–IN B
6
+IN B
5
ADA4000-2
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP (RM-8)
OUT A 1
–IN A 2
+IN A 3
+V 4
OUT D
14
–IN D
13
+IN D
12
–V
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
ADA4000-4
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead SOIC (R-14)
ADA4000-4
1
2
3
4
5
6
7
–IN A
+IN A
+V
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
–V
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 6. 14-Lead TSSOP (RU-14)


Similar Part No. - ADA4000-2ARZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-2ARZ-R7 AD-ADA4000-2ARZ-R7 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADA4000-2ARZ-R7 AD-ADA4000-2ARZ-R7 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
ADA4000-2ARZ-R7 AD-ADA4000-2ARZ-R7 Datasheet
577Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
More results

Similar Description - ADA4000-2ARZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
Precision JFET-Input Operational Amplifiers
9/02-Data Sheet changed from REV. 0 to REV. A.
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
Dual Precision JFET Input Operational Amplifiers
logo
Analog Devices
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com