Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1853 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1853
Description  High Power Factor Preregulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1853 Datasheet(HTML) 2 Page - Texas Instruments

  UC1853_08 Datasheet HTML 1Page - Texas Instruments UC1853_08 Datasheet HTML 2Page - Texas Instruments UC1853_08 Datasheet HTML 3Page - Texas Instruments UC1853_08 Datasheet HTML 4Page - Texas Instruments UC1853_08 Datasheet HTML 5Page - Texas Instruments UC1853_08 Datasheet HTML 6Page - Texas Instruments UC1853_08 Datasheet HTML 7Page - Texas Instruments UC1853_08 Datasheet HTML 8Page - Texas Instruments UC1853_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
UC1853
UC2853
UC3853
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .............................40V
Output Drive Current,
Continuous ................................ 0.125A
Peak ....................................... 0.5A
Output Minimum Voltage ......................... –0.3V
IAC Maximum Input Current ........................1mA
IMO Maximum Output Current ..................... –2mA
IMO Minimum Voltage ........................... –0.3V
FB Maximum Input Voltage ..........................5V
VCOMP Maximum Voltage......................... 6.2V
ICOMP Sourcing Current .................... Self-Limiting
ICOMP Sinking Current .......................... 20mA
ICOMP Maximum Voltage ......................... 7.2V
Storage Temperature ................... –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All voltages with respect to GND. Currents are positive into,
negative out of the specified terminal. Consult Packaging Section
of Databook for thermal limitations and considerations of
packages.
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these parameters apply for TA = –55°C to +125°C for the
UC1853; –25°C to +85°C for the 2853; and 0°C to +70°C for the UC3853; VCC =
16V, VFB = 3V, IAC = 100
mA, VVCOMP = 3.75V, VICOMP = 3V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout Section
VCC Turn-on Threshold
VVCOMP,VICOMP Open
11.5
13
V
Hysteresis
1.5
1.8
2.1
V
Supply Current Section
IVCC Startup
VCC = 8V, IAC = 100
µA; VVCOMP,VICOMP Open
250
500
mA
IVCC
IAC=0
µA, VICOMP =0V
10
15
mA
Voltage Loop Error Amplifier Section
Transconductance
IOUT=±20
µA 0-70C
300
450
575
µmho
Temperature
135
640
µmho
Input Voltage
0-70C
2.925
3
3.075
V
Temperature
2.9
3.1
V
AVOL
VVCOMP =1V–4V
50
60
dB
Output Sink Current
VFB = 3.2V, VVCOMP = 3.75V
20
50
µA
Output Source Current
VFB = 2.8V, VVCOMP = 3.75V
–50
–20
µA
Output Voltage High
5.5
6
V
Output Voltage Low
0.6
0.9
V
Current Loop Error Amplifier Section
Offset Voltage
06
mV
Voltage Gain
VICOMP =1V–4V
70
dB
Sink Current
VIMO = 100mV, VICOMP =3V
1
mA
Source Current
VIMO = –0.1V, VICOMP = 3V
–150
–80
mA
Output High
IICOMP = –50mA
6
6.8
V
Output Low
IICOMP =50
mA
0.3
0.8
V
PWM Modulator Gain
VICOMP = 2V – 3V (Note 1)
20
%/V
CONNECTION DIAGRAM
DIL-8, SOIC-8 (Top View)
JorN, D Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com