Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1853 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC1853
Description  High Power Factor Preregulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1853 Datasheet(HTML) 1 Page - Texas Instruments

  UC1853_08 Datasheet HTML 1Page - Texas Instruments UC1853_08 Datasheet HTML 2Page - Texas Instruments UC1853_08 Datasheet HTML 3Page - Texas Instruments UC1853_08 Datasheet HTML 4Page - Texas Instruments UC1853_08 Datasheet HTML 5Page - Texas Instruments UC1853_08 Datasheet HTML 6Page - Texas Instruments UC1853_08 Datasheet HTML 7Page - Texas Instruments UC1853_08 Datasheet HTML 8Page - Texas Instruments UC1853_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC1853
UC2853
UC3853
The UC3853 provides simple, yet high performance active power factor
correction. Using the same control technique as the UC1854, this 8-pin de-
vice exploits a simplified architecture and an internal oscillator to minimize
external component count. The UC3853 incorporates a precision multi-
plier/squarer/divider circuit, voltage and current loop error amplifiers, and a
precision voltage reference to implement average current mode control
with RMS line voltage compensation. This control technique maintains con-
stant loop gain with changes in input voltage, which minimizes input line
current distortion over the worldwide input voltage range.
The internal 75kHz oscillator includes an external clock input, allowing syn-
chronization to downstream converters. Additionally, the device features an
overvoltage protection comparator, a clamped MOSFET gate driver which
self-biases low during undervoltage lockout, and low startup and supply
current.
These devices are available in 8-pin plastic and ceramic dual in-line (DIP)
packages, and 8-lead small outline (SOIC) packages. The UC1853 is
specified for operation from –55°C to +125°C, the UC2853 is specified for
operation from –25°C to +85°C, and the UC3853 is specified for operation
from 0°C to +70°C.
High Power Factor Preregulator
Complete 8-pin Power Factor
Solution
Reduced External Components
RMS Line Voltage Compensation
Precision Multiplier/Squarer/Divider
Internal 75kHz Synchronizable
Oscillator
Average Current Mode PWM
Control
Overvoltage Protection Comparator
High Current, Clamped Gate Driver
BLOCK DIAGRAM
11/97
FEATURES
DESCRIPTION
UDG-94120-1


Similar Part No. - UC1853_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1853 TI-UC1853 Datasheet
204Kb / 6P
High Power Factor Preregulator
UC1853 TI2-UC1853 Datasheet
302Kb / 11P
High Power Factor Preregulator
11/97
More results

Similar Description - UC1853_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
High Power-Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com