Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ8000
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ8000 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 8 of 15
Tape and Reel Dimensions, SC70-6L
Carrier Tape
Reel
Tape Size
8mm
Reel Size
ø180
M
ø180.00
±0.50
Package
SC-70, 6L
(8mm)
A0
2.40
±0.10
B0
2.40
±0.10
K0
1.19
±0.10
D0
1.00
Min.
D1
1.55
±0.05
E
8.00
±0.30
E1
1.75
±0.10
E2
3.50
±0.05
P0
4.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.05
T
0.25
±0.05
N
ø60.50
K0
UNIT: mm
B0
G
M
W1
S
K
H
N
W
V
R
Trailer Tape
300mm min. or
75 empty pockets
Components Tape
Orientation in Pocket
Leader Tape
500mm min. or
125 empty pockets
A0
P1
P2
Feeding Direction
P0
E2
E1
E
D0
T
D1
W
9.00
±0.30
W1
11.40
±1.00
H
ø13.00
+0.50/-0.20
K
10.60
S
2.00
±0.50
G
ø9.00
R
5.00
V
18.00
Leader/Trailer and Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com