Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000 Datasheet(PDF) 14 Page - Alpha & Omega Semiconductors

Part # AOZ8000
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000 Datasheet(HTML) 14 Page - Alpha & Omega Semiconductors

Back Button AOZ8000 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ8000 Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Rev. 2.4 July 2010
www.aosmd.com
Page 14 of 15
AOZ8000
Tape and Reel Dimensions, DFN 2 x 2
Carrier Tape
Reel
Leader / Trailer
& Orientation
Tape Size
8mm
Reel Size
ø180
M
ø180.00
±0.50
Package
DFN 2x2
A0
2.25
±0.05
B0
2.25
±0.05
K0
1.00
±0.05
D0
1.50
+0.10/-0
D1
1.00
+0.25/-0
E
8.00
+0.30/-0.10
E1
1.75
±0.10
E2
3.50
±0.05
P0
4.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.10
T
0.254
±0.02
N
60.0
±0.50
W1
R
M
S
K
H
N
Trailer Tape
300mm Min.
Components Tape
Orientation in Pocket
Leader Tape
500mm Min.
P1
P0
UNIT: mm
UNIT: mm
A0
B0
T
K0
P2
E
E2
E1
D0
D1
Feeding Direction
W1
8.4
+1.5/-0.0
H
13.0
±0.20
S
1.5
Min.
K
13.5
Min.
R
3.0
±0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com