Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000CIL Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ8000CIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000CIL Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ8000CIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 14Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 10 of 15
Tape and Reel Dimensions, SOT23-5&6L
Tape
Reel
Leader/Trailer and Orientation
Trailer Tape
300mm min.
Components Tape
Orientation in Pocket
Leader Tape
500mm min.
K0
B0
P0
A0
P1
P2
D0
D1
E1
E2
E
Unit: mm
Unit: mm
J
R
Feeding Direction
Tape Size
8mm
Reel Size
ø177.8
M
ø177.8
Max.
N
55.0
Min.
W1
8.4
+1.50 / -0.0
Package
SOT23-5/6L
LP
A0
3.15
±0.10
B0
3.20
±0.10
K0
1.40
±0.10
D0
1.50
±0.05
D1
1.00
+0.10 / -0
E
8.00
±0.30
E1
1.75
±0.10
E2
3.50
±0.05
P0
4.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.05
T
0.23
±0.03
H
13.0
+0.5 / -0.2
S
1.5
Min
K
10.1
Min.
R
12.7
J
4.0
±0.1
W1
M
N
S
K
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com