Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8000CIL Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ8000CIL
Description  Ultra-Low Capacitance TVS Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8000CIL Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ8000CIL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000CIL Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AOZ8000
Rev. 2.4 July 2010
www.aosmd.com
Page 4 of 15
Typical Performance Characteristics
2
4
6
8
10
12
Typical Variation of CIN vs VR
(f = 1MHz, T = 25°C)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
0.00
1.00
2.00
Vp (Pin 5) = Float
Vp (Pin 5) = 3.3V
3.00
4.00
5.00
Input Voltage (V)
I/O – Gnd Insertion Loss (S21) vs. Frequency
(Vp = 3.3V)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
Frequency (MHz)
1
10
100
1000
I/O – I/O Insertion Loss (S21) vs. Frequency
(Vp = Float)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
Frequency (MHz)
1
10
100
1000
100
10
1000
Analog Crosstalk (I/O–I/O) vs. Frequency
20
0
-20
-40
-60
-80
Frequency (MHz)
02
4
6
8
10
12
Clamping Voltage vs. Peak Pulse Current
(tperiod = 100ns, tr = 1ns)
16
15
14
13
12
11
10
9
8
Peak Pulse Current, IPP (A)
Forward Voltage vs. Forward Current
(tperiod = 100ns, tr = 1ns)
12
10
8
6
4
2
Forward Current (A)
0
ESD Clamping
8kV Contact per IEC61000-4-2
Note: Data was taken with a 10X attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com