Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDMB Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDMB
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMB Datasheet(HTML) 1 Page - Abracon Corporation

  ASDMB Datasheet HTML 1Page - Abracon Corporation ASDMB Datasheet HTML 2Page - Abracon Corporation ASDMB Datasheet HTML 3Page - Abracon Corporation ASDMB Datasheet HTML 4Page - Abracon Corporation ASDMB Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
|| | | | | | | | | | | | | |
ASDMB
APPLICATIONS:
FEATURES:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.23.13
Visit
www.abracon.comfor Terms & Conditions of Sale
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
Life Siz e
2.5 x 2.0 x 0.85 mm
PURE SILICONTM CLOCK OSCILLATOR
STANDARD SPECIFICATIONS:
ASDMB
• CCD Clock for VTR Camera
• Equipment Connected to PCs
• Low Profile Equipment
• Computers and Peripherals
• Lower Cost Crystal Oscillator Replacement
• Portable Electronics (MP3 Players, Games)
• Consumer Electronics such as TV’s, DVR’s, etc.
• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment
• Demanding Military & Automotive Electronics
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
MEMS
TECHNOLOGY
Key Electrical Specifications – Vdd= 1.8V
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
1.0
150
MHz
Operating Temperature:
0
+70
°C
See options
C
°
0
5
1
+
5
5
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability*:
-50
+50
ppm
See options
V
3
.
3
+
~
8
.
1
+
:)
d
d
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
Output Load:
15, 25, or 40
pF
See options
10
kΩ
d
d
V
2
/
1
@
%
5
5
5
4
:
y
rt
e
m
m
y
S
s
m
0
.
3
5
.
1
:
e
m
i
T
p
u
tr
a
t
S
s
n
0
0
1
0
2
:
e
m
i
T
e
l
b
a
s
i
D
Disable Stand-by Current:
15
uA
Tri-state Function (Stand-by) :
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
r
a
e
y
t
s
ri
F
m
p
p
0
.
5
+
0
.
5
-
:
g
n
i
g
A
• Ultra Miniature Pure Silicon™ Clock Oscillator
• 2nd Generation MEMS Technology with reduced jiter by Discera
• Low Power Consumption <10mA
• Exceptional Stability +/- 10ppm Over Temp. at -40 to +105°C
• Available in 30kG Shock Resistance Configuration
• Compact QFN Plastic Packaging
Moisture Sensitivity Level – MSL 1
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current
(no load):
1.0 to 39.9999MHz
5
15
mA
CL=0p
RL=∞
T=25°C
(Standard CL: 15pF)
40.0 to 79.9999MHz
6
15
mA
80.0 to 124.9999MHz
7
15
mA
125.0 to 150MHz
8
15
mA
1.0 to 39.9999MHz
6
15
mA
CL=0p
RL=∞
T=25°C
(CL option: 25pF)
40.0 to 79.9999MHz
7
15
mA
80.0 to 124.9999MHz
8
15
mA
125.0 to 150MHz
9
15
mA
1.0 to 39.9999MHz
7
15
mA
CL=0p
RL=∞
T=25°C
(CL option: 40pF)
40.0 to 79.9999MHz
8
15
mA
80.0 to 124.9999MHz
9
15
mA
125.0 to 150MHz
10
15
mA
Output Voltage:
VOH
0.8*Vdd
V
CL=15, 25, 40pF
VOL
0.2*Vdd
V
Rise Time:
Fall Time:
Tr
1.8
3.0
ns
CL=15pF; T=25°C
20%/80%*VDD
Tf
1.0
3.0
ns
Tr
1.5
3.0
ns
CL=25pF; T=25°C
20%/80%*VDD
Tf
1.2
3.0
ns
Tr
1.4
3.0
ns
CL=40pF; T=25°C
20%/80%*VDD
Tf
1.1
3.0
ns
Cycle to Cycle Jitter:
60
ps
F=100MHz
Period Jitter RMS:
10
ps
F=100MHz
Pb RoHS/RoHS II Compliant


Similar Part No. - ASDMB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDMB-25.000MHZ-LC-T ABRACON-ASDMB-25.000MHZ-LC-T Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASDMB-E ABRACON-ASDMB-E Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
More results

Similar Description - ASDMB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASDMB-25.000MHZ-LC-T ABRACON-ASDMB-25.000MHZ-LC-T Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
ASDMB-E ABRACON-ASDMB-E Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMB-24.000MHZ-LC-T ABRACON-ASEMB-24.000MHZ-LC-T Datasheet
9Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
10.22.13
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMB ABRACON-ASVMB Datasheet
12Mb / 4P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.30.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com