Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDMB Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASDMB
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMB Datasheet(HTML) 3 Page - Abracon Corporation

  ASDMB Datasheet HTML 1Page - Abracon Corporation ASDMB Datasheet HTML 2Page - Abracon Corporation ASDMB Datasheet HTML 3Page - Abracon Corporation ASDMB Datasheet HTML 4Page - Abracon Corporation ASDMB Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Key Electrical Specifications –Vdd= 3.3V
||||| | | | | | | | | |
|
ASDMB
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.comfor Terms & Conditions of Sale
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
Life Siz e
2.5 x 2.0 x 0.85 mm
PURE SILICONTM CLOCK OSCILLATOR
ASDMB
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Revised: 04.23.13
Pb RoHS/RoHS II Compliant
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current
(no load):
1.0 to 39.9999MHz
7
15
mA
CL=0p
RL=∞
T=25°C
(Standard CL: 15pF)
40.0 to 79.9999MHz
8
15
mA
80.0 to 124.9999MHz
9
15
mA
125.0 to 150MHz
10
15
mA
1.0 to 39.9999MHz
8
16
mA
CL=0p
RL=∞
T=25°C
(CL option: 25pF)
40.0 to 79.9999MHz
9
16
mA
80.0 to 124.9999MHz
10
16
mA
125.0 to 150MHz
11
16
mA
1.0 to 39.9999MHz
8
16
mA
CL=0p
RL=∞
T=25°C
(CL option: 40pF)
40.0 to 79.9999MHz
9
16
mA
80.0 to 124.9999MHz
10
16
mA
125.0 to 150MHz
11
16
mA
Output Voltage:
VOH
0.8*Vdd
V
CL=15pF
VOL
0.2*Vdd
V
VOH
0.9*Vdd
V
CL=25, 40pF
VOL
0.1*Vdd
V
Rise Time:
Fall Time:
Tr
1.0
2.0
ns
CL=15pF; T=25°C
20%/80%*VDD
Tf
0.9
2.0
ns
Tr
1.0
2.0
ns
CL=25pF; T=25°C
20%/80%*VDD
Tf
0.9
2.0
ns
Tr
0.8
2.0
ns
CL=40pF; T=25°C
20%/80%*VDD
Tf
0.8
2.0
ns
Cycle to Cycle Jitter:
50
ps
F=100MHz
Period Jitter RMS:
5
ps
F=100MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com