Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASESERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASESERIES
Description  3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASESERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASESERIES Datasheet HTML 1Page - Abracon Corporation ASESERIES Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 x 2.5 x 1.0mm
| | | | | | | | | | | | | | |
ASE SERIES
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• PDA, wireless communication.
• Laptop, SSD (Solid State Drive)
• Low height 1.0mm max
• Tri-state function
• Low current consumption
20mA max for 200MHz
• Low RMS jitter 5ps max
• Suitable for RoHS reflow
• Available for tight stability option
Pb RoHS
Compliant
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.24.10
Visit www.abracon.com for Terms & Conditions of Sale
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Voltage
Tristate Function
Peak to Peak Jitter
RMS Jitter
Stand-By Current
10 µA max.
0.625 ~ 200 MHz
ASE Series
-10°C to + 70°C (See Options)
3.3 V ± 5%
See Table 1
45/55% @ 50%Vdd
See Table 1
28ps (Typical) (Reference only. Contact ABRACON for the Jitter)
15 pF max
VOH = 0.9* Vdd min., VOL = 0.1* Vdd max.
"1" (VIH >= 0.7* Vdd) or open: Oscillation, "0" (VIL < 0.3 Vdd) : Hi Z
PARAMETERS
- 55° C to + 125° C
± 100 ppm max. (see options)
Start-up time:
See Table 1
See Table 1
Aging (first year):
±3 ppm max.
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
TABLE 1
Frequency
(MHz)
Idd
mA (Typ)
Idd
mA (Max)
Tr/Tf
ns (Typ)
Tr/Tf
ns (max)
Start-up time
ms (Typ)
Start-up time
ms (Max)
RMS Jitter
ps (Typ)
RMS Jitter
ps (Max)
0.5 ~ 20
2.5
7
2.5
4.0
1
2.0
3.2
5
20.01 ~ 40.0
4.4
13
2.4
4.0
1
2.0
3.2
5
40.01 ~ 60.0
6.5
19
2.4
4.0
1
2.0
3.2
5
60.01 ~ 75.0
12.7
24
2.3
4.0
1
2.0
3.2
5
75.01 ~ 133.0
7.4
20
1.5
4.0
1.2
2.0
2.2
5
133.01 ~ 200.0
11.7
20
1.9
4.0
1.5
2.0
2.2
5
ASE -
MHz -
-
-
Frequency in MHz
e.g. 0.625MHz
24.576MHz
14.31818MHz
26.000MHz
200.000MHz
Operating Temp.
I: 0°C ~ +50°C
D: -10°C ~ +60°C
E: -20°C ~ +70°C
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
Contact ABRACON for wider
temperature range.
Packaging
Blank: Bulk
T: Tape & Reel (1kpcs)
T2: Tape & Reel (250pcs)
Freq. Stability
J*: ± 20 ppm
R: ± 25 ppm
K: ± 30 ppm
H: ± 35 ppm
B: ± 40 ppm
C: ± 50 ppm
*: Temp options I, D, E,
and -10°C to +70°C only
(Left blank if standard)


Similar Part No. - ASESERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE ABRACON-ASE Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
logo
Vishay Siliconix
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
More results

Similar Description - ASESERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASE ABRACON-ASE_07 Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-50.000MHZ-ET ABRACON-ASE-50.000MHZ-ET Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
ASE-24 ABRACON-ASE-24 Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com