Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7381X Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP7381X
Description  Low-Cost Li-Ion Battery Charger Evaluation Board User?셲 Guide
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7381X Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP7381X Datasheet HTML 14Page - Microchip Technology MCP7381X Datasheet HTML 15Page - Microchip Technology MCP7381X Datasheet HTML 16Page - Microchip Technology MCP7381X Datasheet HTML 17Page - Microchip Technology MCP7381X Datasheet HTML 18Page - Microchip Technology MCP7381X Datasheet HTML 19Page - Microchip Technology MCP7381X Datasheet HTML 20Page - Microchip Technology MCP7381X Datasheet HTML 21Page - Microchip Technology MCP7381X Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MCP7381X LI-ION BATTERY CHARGER
EVALUATION BOARD USER’S GUIDE
© 2008 Microchip Technology Inc.
DS51729A-page 17
Appendix B. Bill Of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
QTY
Reference
Description
Manufacture
MFG PART #
4
C1, C2, C3, C4
CAP CERAMIC 2.2
μF 10V X5R 0603
SMD
Taiyo Yuden
LMK107BJ225KA-T
1
R1
RES 2K OHM 1/10W 1% 0603 SMD
Yageo Corp.
RC0603FR-072KL
2
R2, R3
RES 100K OHM 1/10W 1% 0603
SMD
Panasonic - ECG
ERJ-3EKF1003V
1
SW1
SWITCH SLIDE SPDT SMD J-LEAD
COPAL ELECTRONICS
INC
CJS-1200TA
4
Bump
BUMPON HEMISPHERE.44X.20
WHITE
3M
SJ5003-9-ND
1
U1
Simple, Miniature Single-Cell, Fully
Integrated Li-Ion / Li-Polymer Charge
Management controllers: Programma-
ble Charge Current
Microchip Technology, Inc MCP73812T-420I/OT
1
U2
Simple, Miniature Single-Cell, Fully
Integrated Li-Ion / Li-Polymer Charge
Management controllers: Selectable
Charge Current
Microchip Technology, Inc MCP73811T-420I/OT
1
PCB
Printed Circuit Board
—
104-00172-R1
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com