Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7381X Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP7381X
Description  Low-Cost Li-Ion Battery Charger Evaluation Board User?셲 Guide
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7381X Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP7381X Datasheet HTML 9Page - Microchip Technology MCP7381X Datasheet HTML 10Page - Microchip Technology MCP7381X Datasheet HTML 11Page - Microchip Technology MCP7381X Datasheet HTML 12Page - Microchip Technology MCP7381X Datasheet HTML 13Page - Microchip Technology MCP7381X Datasheet HTML 14Page - Microchip Technology MCP7381X Datasheet HTML 15Page - Microchip Technology MCP7381X Datasheet HTML 16Page - Microchip Technology MCP7381X Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MCP7381X LI-ION BATTERY CHARGER
EVALUATION BOARD USER’S GUIDE
© 2008 Microchip Technology Inc.
DS51729A-page 9
Chapter 2. Installation and Operation
2.1
INTRODUCTION
The MCP7381X Low-Cost Li-Ion Battery Charger Evaluation Board demonstrates
Microchip's Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge
Management Controllers, MCP73811 and MCP73812. The MCP73811 is powered
from USB port to charge Li-Ion / Li-Polymer batteries. The charge current is logic
selectable between High (500 mA) and Low (100 mA). The MCP73812 is designed to
charge Li-Ion / Li-Polymer batteries with programmable charging current up to 500 mA
by a single resistor from a regulated 5V ac-dc wall adapter.
The MCP73811/2 require only minimum components to implement a completed circuit
of Li-Ion / Li-Polymer battery charge management in any systems. The development of
MCP73811/2 meets the challenges of today’s cost-sensitive and space-limited applica-
tions.
The MCP7381X Low-Cost Li-Ion Battery Charger Evaluation Board comes with a
pre-installed 5-Lead SOT-23 MCP73811 and a pre-installed 5-Lead SOT-23
MCP73812.
Typical applications for MCP73811/2 are Rechargeable Toys, Low-Cost Lithium-Ion /
Lithium-Polymer Battery Chargers, Electronic Cigarettes, Rechargeable Portable
Electronic Devices, Bluetooth Headsets or USB Chargers.
2.2
FEATURES
The MCP7381X Low-Cost Li-Ion Battery Charger Evaluation Board has the following
features:
• Color coded test points ensuring the proper connections: Red for VDD and VBAT+;
Black for GND & VBAT-;White for CE (Chip Enable).
• 2-position Dip Switch for charge current selections between USB_Low and
USB_High.
• Chip Enable (CE) Pin to disable the system when drive Low.
• Evaluating different charge current rates by changing RPROG (Programming
Resistor) values. See Figure 2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com