Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05.TCT Datasheet(PDF) 6 Page - Samtec, Inc

Part # SD05.TCT
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SD05.TCT Datasheet(HTML) 6 Page - Samtec, Inc

  SD05.TCT Datasheet HTML 1Page - Samtec, Inc SD05.TCT Datasheet HTML 2Page - Samtec, Inc SD05.TCT Datasheet HTML 3Page - Samtec, Inc SD05.TCT Datasheet HTML 4Page - Samtec, Inc SD05.TCT Datasheet HTML 5Page - Samtec, Inc SD05.TCT Datasheet HTML 6Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SD05 and SD12
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
h
s
i
n
i
F
d
a
e
L
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
C
T
.
5
0
D
Sb
P
n
S0
0
0
,
3”
7
C
T
.
2
1
D
Sb
P
n
S0
0
0
,
3”
7
T
C
T
.
5
0
D
Se
e
r
f
b
P0
0
0
,
3”
7
T
C
T
.
2
1
D
Se
e
r
f
b
P0
0
0
,
3”
7
Marking Codes
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
5
0
D
SU
5
2
1
D
SU
6
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com