Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05.TCT Datasheet(PDF) 3 Page - Samtec, Inc

Part # SD05.TCT
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SD05.TCT Datasheet(HTML) 3 Page - Samtec, Inc

  SD05.TCT Datasheet HTML 1Page - Samtec, Inc SD05.TCT Datasheet HTML 2Page - Samtec, Inc SD05.TCT Datasheet HTML 3Page - Samtec, Inc SD05.TCT Datasheet HTML 4Page - Samtec, Inc SD05.TCT Datasheet HTML 5Page - Samtec, Inc SD05.TCT Datasheet HTML 6Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SD05 and SD12
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Peak Pulse Current - IPP (A)
SD12
SD05
Waveform
Parameters
tr = 8µs
td = 20µs
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
Forward Voltage vs. Forward Current
Capacitance vs. Reverse Voltage
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td = 20µs
0
50
100
150
200
250
300
350
02
46
8
10
12
14
ReverseVoltage-VR(V)
SD05
SD12
f=1MHz
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
0
5
10
15
20
25
30
35
40
45
Forward Current - IF (A)
SD12
SD05
Waveform
Parameters:
tr = 8µs
td = 10µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com