Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1812 Datasheet(PDF) 1 Page - Rohm

Part # 2SA1812
Description  High-voltage Switching Transistor ( 400V, 0.5A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1812 Datasheet(HTML) 1 Page - Rohm

  2SA1812 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(96-609-A313)
320
Transistors
2SA1812 / 2SA1727 / 2SA1776


Similar Part No. - 2SA1812

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
High-voltage Switching Transistor (-400V, -0.5A)
2SA1812 ROHM-2SA1812 Datasheet
31Kb / 1P
High-voltage Switching Transistor (Telephone power supply)
logo
Guangdong Kexin Industr...
2SA1812 KEXIN-2SA1812 Datasheet
1Mb / 3P
PNP Transistors
logo
Inchange Semiconductor ...
2SA1812 ISC-2SA1812 Datasheet
277Kb / 2P
Silicon PNP Power Transistor
logo
Guangdong Kexin Industr...
2SA1812-HF KEXIN-2SA1812-HF_15 Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1812

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
High-voltage Switching Transistor (-400V, -0.5A)
2SC3969 ROHM-2SC3969 Datasheet
120Kb / 4P
High Voltage Switching Transistor(400V, 2A)
2SA1862 ROHM-2SA1862 Datasheet
93Kb / 3P
High-voltage Switching Transistor (-400V, -2A)
2SD2568 ROHM-2SD2568 Datasheet
64Kb / 3P
Power Transistor (400V, 0.5A)
2SC5161 ROHM-2SC5161 Datasheet
83Kb / 4P
HIgh voltage switching transistor (400V, 2A)
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
High voltage switching transistor (400V, 2A)
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com