Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA00ST Datasheet(PDF) 7 Page - Rohm

Part # BA00ST
Description  Regulator, low drop-out type with ON/OFF switch BA??ST / BA??SFP series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00ST Datasheet(HTML) 7 Page - Rohm

Back Button BA00ST Datasheet HTML 3Page - Rohm BA00ST Datasheet HTML 4Page - Rohm BA00ST Datasheet HTML 5Page - Rohm BA00ST Datasheet HTML 6Page - Rohm BA00ST Datasheet HTML 7Page - Rohm BA00ST Datasheet HTML 8Page - Rohm BA00ST Datasheet HTML 9Page - Rohm BA00ST Datasheet HTML 10Page - Rohm BA00ST Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
7/11
!
!
!
!
Measurement circuits
( The C pin only exists on the BA00AST / ASFP, for the BA00AST / ASFP, place a 6.8k
Ω resistor between the OUT and
C pins, and a 2.2k
Ω resisitor between the C and pins.)
Fig.1 Measurement circuit for output voltage, input
stability, load regulation, and temperature
coefficient of output voltage
V
22
µF
VCC
IO
OUT
VCC
GND
CTL
5V
*C
+
Fig.2 Measurement circuit for ripple rejection ratio
Ripple rejection ratio R.R. = 20 log
( eIN
eOUT
)
V
V
22
µF
0.33
µF
100
µF
VCC
IO=100mA
OUT
VCC
GND
eIN
eIN=1Vrms
f=120Hz
eOUT
10
Ω5W
5V
CTL
*C
+
Fig.3 Measurement circuit for minimum I/O
voltage differential
22
µF
0.33
µF
VCC=0.95VO
IO=500mA
OUT
VCC
GND
V
5V
CTL
*C
+
Fig.4 Measurement circuit for bias current,
power save current measurement circuit
22
µF
0.33
µF
VCC
OUT
VCC
GND
A
CTL
*C
+
Fig.5 Measurement circuit for output
short-circuit current
22
µF
0.33
µF
VCC
IOS
OUT
VCC
GND
A
CTL
5V
+
*C
Fig.6
Measurement circuit for ON/OFF mode voltage,
input high level current
22
µF
0.33
µF
VCC
OUT
VCC
V
CTL
A
GND *C
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com