Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA00ST Datasheet(PDF) 8 Page - Rohm

Part # BA00ST
Description  Regulator, low drop-out type with ON/OFF switch BA??ST / BA??SFP series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00ST Datasheet(HTML) 8 Page - Rohm

Back Button BA00ST Datasheet HTML 3Page - Rohm BA00ST Datasheet HTML 4Page - Rohm BA00ST Datasheet HTML 5Page - Rohm BA00ST Datasheet HTML 6Page - Rohm BA00ST Datasheet HTML 7Page - Rohm BA00ST Datasheet HTML 8Page - Rohm BA00ST Datasheet HTML 9Page - Rohm BA00ST Datasheet HTML 10Page - Rohm BA00ST Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
8/11
!
!
!
!
Operation notes
(1) Operating power supply voltage
When operating within the normal voltage range and within the ambient operating temperature range, most circuit
functions are guaranteed. The rated values cannot be guaranteed for the electrical characteristics, but there are no
sudden changes of the characteristics within these ranges.
(2) Power dissipation
Heat attenuation characteristics are noted on a separate page and can be used as a guide in judging power dissipation.
If these ICs are used in such a way that the allowable power dissipation level is exceeded, an increase in the chip
temperature could cause a reduction in the current capability or could otherwise adversely affect the performance of the
IC. Make sure a sufficient margin is allowed so that the allowable power dissipation value is not exceeded.
(3) Output oscillation prevention and bypass capacitor
Be sure to connect a capacitor between the output pin and GND to prevent oscillation. Since fluctuations in the valve of
the capacitor due to temperature changes may cause oscillations, a tantalum electrolytic capacitor with a small internal
series resistance (ESR) is recommended.
A 22
µF capacitor is recommended; however, be aware that if an extremely large capacitance is used (1000µF or greater),
then oscillations may occur at low frequencies. Therefore, be sure to perform the appropriate verifications before selecting
the capacitor.
Also, we recommend connecting a 0.33
µF bypass capacitor as close as possible between the input pin and GND.
(4) Current overload protection circuit
A current overload protection circuit is built into the outputs, to prevent IC destruction if the load is shorted.
This protection circuit limits the current in the shape of a fall back characteristics. It is designed with a high margin, so that
even if a large current suddenly flows through the large capacitor in the IC, the current is restricted and latching is
prevented.
However, these protection circuits are only good for pre-venting damage from sudden accidents. The design should take
this into consideration, so that the protection circuit is not made to operate continuously (for instance, clamping at an
output of 1VF or greater; below 1VF, the short mode circuit operates). Note that the capacitor has negative temperature
characteristics, and the design should take this into consideration.
(5) Thermal overload circuit
A built-in thermal overload circuit prevents damage from overheating. When the thermal circuit is activated, the various
outputs are in the OFF state. When the temperature drops back to a constant level, the circuit is restored.
(6) Internal circuits could be damaged if there are modes in which the electric potential of the application’s input (VCC) and
GND are the opposite of the electric potential of the various outputs. Use of a diode or other such bypass path is
recommended.
(7) Although the manufacture of this product includes rigorous quality assurance procedures, the product may be
damaged if absolute maximum ratings for voltage or operating temperature are exceeded. If damage has occurred,
special modes (such as short circuit mode or open circuit mode) cannot be specified. If it is possible that such special
modes may be needed, please consider using a fuse or some other mechanical safety measure.
(8) When used within a strong magnetic field, be aware that there is a slight possibility of malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com