Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA602AM2 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA602AM2
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AM2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA602AM2 Datasheet HTML 2Page - Texas Instruments OPA602AM2 Datasheet HTML 3Page - Texas Instruments OPA602AM2 Datasheet HTML 4Page - Texas Instruments OPA602AM2 Datasheet HTML 5Page - Texas Instruments OPA602AM2 Datasheet HTML 6Page - Texas Instruments OPA602AM2 Datasheet HTML 7Page - Texas Instruments OPA602AM2 Datasheet HTML 8Page - Texas Instruments OPA602AM2 Datasheet HTML 9Page - Texas Instruments OPA602AM2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
OPA602
6
SBOS155A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15VDC, unless otherwise noted.
SETTLING TIME vs CLOSED-LOOP GAIN
5
4
3
2
1
0
–1
–10
–100
–1k
Closed-Loop Gain (V/V)
0.1%
R
L = 1kΩ
C
L = 100pF
0.01%
SUPPLY CURRENT vs TEMPERATURE
3.5
3.25
3.0
2.75
2.5
–75
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
OPEN-LOOP GAIN vs SUPPLY VOLTAGE
104
0
Supply Voltage (
±V
CC)
92
5
101520
100
96
TOTAL HARMONIC DISTORTION
vs FREQUENCY
1
0.1
0.01
0.001
0.1
Frequency (Hz)
1
10
100
1k
10k
100k
A
V = +101V/V
A
V = +1V/V
6.5Vrms
1k
Ω
402
Ω
40.2k
Ω
A
V = +101V/V
BIAS AND OFFSET CURRENT vs TEMPERATURE
10nA
–50
Ambient Temperature (
°C)
10nA
–25
0
25
50
75
100
125
1nA
100
10
1
0.1
1nA
100
10
1
0.1
BIAS AND OFFSET CURRENT
vs INPUT COMMON MODE VOLTAGE
10
1
0.1
0.01
–15
Common-Mode Voltage (V)
10
1
0.1
0.01
–10
–50
510
15
Bias Current
Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com