Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA602AM2 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA602AM2
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AM2 Datasheet(HTML) 1 Page - Texas Instruments

  OPA602AM2 Datasheet HTML 1Page - Texas Instruments OPA602AM2 Datasheet HTML 2Page - Texas Instruments OPA602AM2 Datasheet HTML 3Page - Texas Instruments OPA602AM2 Datasheet HTML 4Page - Texas Instruments OPA602AM2 Datasheet HTML 5Page - Texas Instruments OPA602AM2 Datasheet HTML 6Page - Texas Instruments OPA602AM2 Datasheet HTML 7Page - Texas Instruments OPA602AM2 Datasheet HTML 8Page - Texas Instruments OPA602AM2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
High-Speed Precision
Difet ® OPERATIONAL AMPLIFIER
APPLICATIONS
q PRECISION INSTRUMENTATION
q OPTOELECTRONICS
q SONAR, ULTRASOUND
q PROFESSIONAL AUDIO EQUIPMENT
q MEDICAL EQUIPMENT
q DATA CONVERSION
Cascode
–In
(2)
+In
(3)
+V
S
(7)
Output
(6)
–V
S
(4)
(1)
(5)
Difet® Burr-Brown Corp.
FEATURES
q WIDE BANDWIDTH: 6.5MHz
q HIGH SLEW RATE: 35V/
µs
q LOW OFFSET:
±250µV max
q LOW BIAS CURRENT:
±1pA max
q FAST SETTLING TIME: 1
µs to 0.01%
q UNITY-GAIN STABLE
DESCRIPTION
The OPA602 is a precision, wide bandwidth FET operational
amplifier. Monolithic
Difet (dielectrically isolated FET) con-
struction provides an unusual combination of high-speed and
accuracy.
Its wide-bandwidth design minimizes dynamic errors. High
slew rate and fast settling time allow accurate signal process-
ing in pulse and data conversion applications. Wide band-
width and low distortion minimize AC errors. All specifications
are rated with a 1k
Ω resistor in parallel with 500pF load. The
OPA602 is unity-gain stable and easily drives capacitive
loads up to 1500pF.
Laser-trimmed input circuitry provides offset voltage and drift
performance normally associated with precision bipolar op
amps.
Difet construction achieves extremely low input bias
currents (1pA max) without compromising input voltage noise.
The OPA602’s unique input cascode circuitry maintains low
input bias current and precise input characteristics over its
full input common-mode voltage range.
OPA602
SBOS155A – AUGUST 1987 – REVISED OCTOBER 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1987, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA6
02
OPA6
02


Similar Part No. - OPA602AM2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602AM BURR-BROWN-OPA602AM Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA602AM2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
Precision High-Speed Difet Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com