Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167-Q3 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 12Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 13Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 14Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 15Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 16Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 17Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 18Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 19Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
ST10R167
16/63
Hardware traps are exceptions or error conditions
that arise during run-time. They cause immediate
non-maskable system reaction similar to a stan-
dard interrupt service (branching to a dedicated
vector table location).
The occurrence of a hardware trap is additionally
signified by an individual bit in the trap flag regis-
ter (TFR). Except when another higher prioritized
trap service is in progress, a hardware trap will
interrupt any actual program execution. In turn,
hardware trap services can normally not be inter-
rupted by standard or PEC interrupts.
Table 3 shows all of the possible exceptions or
error conditions that can arise during run-time:
Table 3 : Exceptions or error conditions that can arise during run time
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location
Trap
Number
Trap
Priority
Reset Functions:
Hardware Reset
Software Reset
Watchdog Timer Overflow
RESET
RESET
RESET
00’0000h
00’0000h
00’0000h
00h
00h
00h
III
III
III
Class A Hardware Traps:
Non-Maskable Interrupt
Stack Overflow
Stack Underflow
NMI
STKOF
STKUF
NMITRAP
STOTRAP
STUTRAP
00’0008h
00’0010h
00’0018h
02h
04h
06h
II
II
II
Class B Hardware Traps:
Undefined Opcode
Protected Instruction Fault
Illegal Word Operand
Access
Illegal Instruction Access
Illegal External Bus
Access
UNDOPC
PRTFLT
ILLOPA
ILLINA
ILLBUS
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
00’0028h
00’0028h
00’0028h
00’0028h
00’0028h
0Ah
0Ah
0Ah
0Ah
0Ah
I
I
I
I
I
Reserved
[2Ch –3Ch]
[0Bh – 0Fh]
Software Traps
TRAP Instruction
Any [00’0000h– 00’01FCh]
in steps of 4h
Any
[00h – 7Fh]
Current CPU
Priority
VII - INTERRUPT SYSTEM (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com