Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167-Q3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 16Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 17Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 18Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 19Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 20Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 21Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 22Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 23Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
ST10R167
20/63
Table 7 : GPT2 timer input frequencies, resolution and periods
fCPU = 25MHz
Timer Input Selection T5I / T6I
000B
001B
010B
011B
100B
101B
110B
111B
Pre-scaler factor
4
8
16
32
64
128
256
512
Input Frequency
6.25MHz
3.125MHz
1.563MHz
781.3KHz
390.6KHz
195.3KHz
97.66KHz
48.83KHz
Resolution
160ns
320ns
640ns
1.28
µs
2.56
µs
5.12
µs
10.24
µs
20.48
µs
Period
10.49ms
21.0ms
41.9ms
83.9ms
167ms
336ms
671ms
1.34s
Figure 6 : Block diagram of GPT2
2n n=2...9
2n n=2...9
T5EUD
T5IN
CPU Clock
CPU Clock
T6IN
T6EUD
T5
Mode
Control
T6
Mode
Control
GPT2 Timer T5
GPT2 Timer T6
U/D
Interrupt
Request
U/D
GPT2 CAPREL
T60TL
Toggle FF
T6OUT
CAPIN
Reload
Interrupt
Request
to CAPCOM
Timers
Capture
Clear
Interrupt
Request
IX - GENERAL PURPOSE TIMER UNIT (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com